์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

XQ1003-BD ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - Mimix Broadband

๋ถ€ํ’ˆ๋ช… XQ1003-BD
์ƒ์„ธ๋‚ด์šฉ  6.8-7.9 GHz GaAs MMIC Voltage Controlled Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  MIMIX [Mimix Broadband]
ํ™ˆํŽ˜์ด์ง€  http://www.mimixbroadband.com
Logo 

XQ1003-BD ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - Mimix Broadband

   
Zoom Inzoom in Zoom Outzoom out
/ 5 page
 4 / 5 page
background image
Page 4 of 5
App Note [1] Biasing - As shown in the bonding diagram, this device is operated by separately biasing Vee1, Vee2, Vee3 and Vtune with
Vee1 = Vee2 = Vee3 = -5.0 V and Vtune = 0.0 to 6.0 V, Iee1 = Iee2 = Iee3 = ~ 6.5 mA.
App Note [2] Bias Arrangement - Each DC pad (Vee1, 2, 3 and Vtune) needs to have DC bypass capacitance. (~100 - 200 pF, 100pF max on
Vtune) as close to the device as possible. The Vee3 pads have been tied together on chip and can be biased from either location.
Functional Diagram & Vtune Equivalent Input Circuit
Typical Application
MTTF Table
Backplate
Temperature
55 deg Celsius
75 deg Celsius
95 deg Celsius
FITs
2.00E-01
2.88E+00
3.02E+01
MTTF Hours
4.99E+09
3.47E+08
3.31E+07
These numbers were calculated based on accelerated life test information and thermal model analysis received from the fabricating foundry.
6.8-7.9 GHz GaAs MMIC
Voltage Controlled Oscillator
Prescalar
Doubler
PLL IC
XQ1003-BD
Ref 10 MHz
Loop
Filter
Icp
Vtune
Fvco
Fout
Fsample
6.8 - 7.9 GHz
13.6-15.8 GHz
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
ยฉ2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
April 2007 - Rev 17-Apr-07
Q1003-BD


Html Pages

1  2  3  4  5 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn