전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL22346 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL22346
상세설명  Quad Digitally Controlled Potentiometers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22346 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL22346 Datasheet HTML 4Page - Intersil Corporation ISL22346 Datasheet HTML 5Page - Intersil Corporation ISL22346 Datasheet HTML 6Page - Intersil Corporation ISL22346 Datasheet HTML 7Page - Intersil Corporation ISL22346 Datasheet HTML 8Page - Intersil Corporation ISL22346 Datasheet HTML 9Page - Intersil Corporation ISL22346 Datasheet HTML 10Page - Intersil Corporation ISL22346 Datasheet HTML 11Page - Intersil Corporation ISL22346 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
FN6177.0
July 28, 2006
FIGURE 7. DNL vs TAP POSITION IN Rheostat MODE FOR
10k
Ω (W)
FIGURE 8. INL vs TAP POSITION IN Rheostat MODE FOR
10k
Ω (W)
FIGURE 9. END TO END RTOTAL % CHANGE vs
TEMPERATURE
FIGURE 10. TC FOR VOLTAGE DIVIDER MODE IN ppm
FIGURE 11. TC FOR Rheostat MODE IN ppm
FIGURE 12. FREQUENCY RESPONSE (2.6MHz)
Typical Performance Curves (Continued)
-0.6
-0.4
-0.2
0
0.2
0.4
16
36
56
76
96
116
TAPPOSITION(DECIMAL)
Vcc=2.7V
T=25ºC
Vcc=5.5V
-0.6
-0.4
-0.2
0
0.2
0.4
16
36
56
76
96
116
TAP POSITION (DECIMAL)
Vcc = 5.5V
Vcc = 2.7V
T = 25ºC
-1.00
-0.50
0.00
0.50
1.00
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (ºC)
10k
50k
Vcc = 5.5V
Vcc = 2.7V
0
15
30
45
60
75
90
105
16
36
56
76
96
TAP POSITION (DECIM AL)
10k
50k
0
50
100
150
200
250
300
16
36
56
76
96
TAP POSITION (DECIMAL)
10k
50k
OUTPUT
INPUT
Wiper at Mid Point (position 40h)
Rtotal = 9.5k
ISL22346


유사한 부품 번호 - ISL22346

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
ISL22346 INTERSIL-ISL22346 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL22346 RENESAS-ISL22346 Datasheet
954Kb / 16P
   Quad Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346 Datasheet
583Kb / 16P
   2Low Noise, Low Power I2C??Bus,128 Taps
September 3, 2009
ISL22346UFRT20Z INTERSIL-ISL22346UFRT20Z Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
More results

유사한 설명 - ISL22346

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9408YS24 INTERSIL-X9408YS24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349_09 Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com