전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN1539MPX 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FAN1539MPX
상세설명  1A/1.3A, LDO with Low Quiescent Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1539MPX 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN1539MPX Datasheet HTML 2Page - Fairchild Semiconductor FAN1539MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN1539MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN1539MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN1539MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN1539MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN1539MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN1539MPX Datasheet HTML 9Page - Fairchild Semiconductor FAN1539MPX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
www.fairchildsemi.com
FAN1539/FAN1540 Rev. 1.1.1
Electrical Characteristics—FAN1540D18X
Unless otherwise specified, VIN = 3.135V to 3.465V, Tj = 25°C, IMAX = 1.3A. Boldface limits apply over operating
junction temperature range of 0°C
≤ TJ ≤ 125°C.
Notes:
6 Dropout voltage is defined as the input to output differential voltage at which the output voltage drops 1% below the
nominal value measured at
VIN = 3.3V.
7. Measured within 10Hz to 10kHz bandwidth.
8. Measured at DC, specified at 120 Hz.
9. CIN = 22µF, COUT = 10µF. Both capacitors are low ESR X7R type.
Parameter
Symbol
Test Conditions
Test Limits
Units
VIN
IOUT
Min.
Typ.
Max.
Output Voltage
VOUT
3.15V
≤ VIN ≤ 3.465V 5mA ≤ IOUT ≤ IMAX 1.755 1.800
1.845
V
Line Regulation
REG(LINE)
3.135V
≤ VIN ≤ 3.465V 5mA ≤ IOUT ≤ IMAX
310
mV
Load Regulation
REG(LOAD)
3.3V
5mA
≤ IOUT ≤ IMAX
20
40
mV
Dropout Voltage
(Note 6)
VD
IOUT = IMAX
0.9
1.2
V
Current Limit
IS
3.3V
2.5
A
Min. Output
Current for
regulation
(
∆VOUT ≤ 3%)
IOMIN
0
mA
Temperature
Stability
TS
IOUT = 5mA
0.3
%
RMS Output
Noise (Note 7)
VN
IOUT = IMAX
0.003
%VOUT
Ripple Rejection
Ratio (Note 8)
RA
3.3V
IOUT = 500mA
40
dB
Transient
Response
Change of VOUT
with step load
change (Note 9)
3.3V
1mA to IMAX
tr ≥ 1µS
2.0
10
(undershoot
or overshoot
of VOUT)
%
IMAX to 1mA
tf ≥ 1µS
Transient
Response
Change of VOUT
with application of
VIN (Note 9)
0 to 1.8V Step Input
tr ≥ 1µS
10% to 90%
1mA
≤ IOUT ≤ IMAX
3.0
10
(undershoot
or overshoot
of VOUT)
%
Transient
Response
Short circuit
Removal
Response
(Note 9)
@IOUT =
short
3.3V
IOUT = short
to
IOUT = 10mA
3.0
10
(overshoot
or under-
shoot of VO)
%
Quiescent Current
IGND
3.3V
IOUT = 0mA
1.0
2.0
mA
Quiescent Current
IGND
3.3V
2mA
≤ IOUT ≤ IMAX
1.0
2.0
mA
Thermal Shutdown
TjSD
160
°C
Thermal Hysteresis
THYST
10
°C
∆V
OUT
∆I
OUT
------------------
∆V
OUT
∆V
IN
------------------
∆V
OUT
V
IN
------------------


유사한 부품 번호 - FAN1539MPX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN1539 FAIRCHILD-FAN1539 Datasheet
259Kb / 15P
   1A/1.3A, LDO With Low Quiescent Current
More results

유사한 설명 - FAN1539MPX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN1539 FAIRCHILD-FAN1539 Datasheet
259Kb / 15P
   1A/1.3A, LDO With Low Quiescent Current
logo
ams AG
AS1375 AMSCO-AS1375 Datasheet
853Kb / 11P
   1A Quiescent Current, 200mA LDO
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
   1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
MCP1726-3302E MICROCHIP-MCP1726-3302E Datasheet
534Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
06/25/07
logo
ams AG
AS1376 AMSCO-AS1376 Datasheet
1Mb / 20P
   1A, Low Input Voltage, Low Quiescent Current LDO
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726 Datasheet
431Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
2005
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
   Low Quiescent Current LDO
2003
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
   Low Quiescent Current LDO
logo
Microchip Technology
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com