전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL4089 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 ISL4089
상세설명  DC-Restored Video Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4089 데이터시트(HTML) 9 Page - Intersil Corporation

  ISL4089_06 Datasheet HTML 1Page - Intersil Corporation ISL4089_06 Datasheet HTML 2Page - Intersil Corporation ISL4089_06 Datasheet HTML 3Page - Intersil Corporation ISL4089_06 Datasheet HTML 4Page - Intersil Corporation ISL4089_06 Datasheet HTML 5Page - Intersil Corporation ISL4089_06 Datasheet HTML 6Page - Intersil Corporation ISL4089_06 Datasheet HTML 7Page - Intersil Corporation ISL4089_06 Datasheet HTML 8Page - Intersil Corporation ISL4089_06 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6192.1
June 28, 2006
ISL4089
Small Outline Package Family (SO)
GAUGE
PLANE
A2
A1
L
L1
DETAIL X
4° ±4°
SEATING
PLANE
e
H
b
C
0.010
B
M
CA
0.004 C
0.010
B
M
CA
B
D
(N/2)
1
E1
E
N
N
(N/2)+1
A
PIN #1
I.D. MARK
h X 45°
A
SEE DETAIL “X”
c
0.010
MDP0027
SMALL OUTLINE PACKAGE FAMILY (SO)
SYMBOL
SO-8
SO-14
SO16
(0.150”)
SO16 (0.300”)
(SOL-16)
SO20
(SOL-20)
SO24
(SOL-24)
SO28
(SOL-28)
TOLERANCE
NOTES
A
0.068
0.068
0.068
0.104
0.104
0.104
0.104
MAX
-
A1
0.006
0.006
0.006
0.007
0.007
0.007
0.007
±0.003
-
A2
0.057
0.057
0.057
0.092
0.092
0.092
0.092
±0.002
-
b
0.017
0.017
0.017
0.017
0.017
0.017
0.017
±0.003
-
c
0.009
0.009
0.009
0.011
0.011
0.011
0.011
±0.001
-
D
0.193
0.341
0.390
0.406
0.504
0.606
0.704
±0.004
1, 3
E
0.236
0.236
0.236
0.406
0.406
0.406
0.406
±0.008
-
E1
0.154
0.154
0.154
0.295
0.295
0.295
0.295
±0.004
2, 3
e
0.050
0.050
0.050
0.050
0.050
0.050
0.050
Basic
-
L
0.025
0.025
0.025
0.030
0.030
0.030
0.030
±0.009
-
L1
0.041
0.041
0.041
0.056
0.056
0.056
0.056
Basic
-
h
0.013
0.013
0.013
0.020
0.020
0.020
0.020
Reference
-
N
8
14
16
16
20
24
28
Reference
-
Rev. L 2/01
NOTES:
1. Plastic or metal protrusions of 0.006” maximum per side are not included.
2. Plastic interlead protrusions of 0.010” maximum per side are not included.
3. Dimensions “D” and “E1” are measured at Datum Plane “H”.
4. Dimensioning and tolerancing per ASME Y14.5M-1994


유사한 부품 번호 - ISL4089_06

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL4089IBZ RENESAS-ISL4089IBZ Datasheet
608Kb / 10P
   DC-Restored Video Amplifier
ISL4089IBZ-T7 RENESAS-ISL4089IBZ-T7 Datasheet
608Kb / 10P
   DC-Restored Video Amplifier
More results

유사한 설명 - ISL4089_06

제조업체부품명데이터시트상세설명
logo
Elantec Semiconductor
EL4089C ELANTEC-EL4089C Datasheet
211Kb / 8P
   DC Restored Video Amplifier
logo
Intersil Corporation
EL4089 INTERSIL-EL4089 Datasheet
129Kb / 9P
   DC Restored Video Amplifier
logo
Renesas Technology Corp
ISL4089 RENESAS-ISL4089 Datasheet
608Kb / 10P
   DC-Restored Video Amplifier
EL4089 RENESAS-EL4089 Datasheet
579Kb / 9P
   DC Restored Video Amplifier
July 1998
logo
Intersil Corporation
EL2090 INTERSIL-EL2090 Datasheet
149Kb / 11P
   100MHz DC-Restored Video Amplifier
EL4093 INTERSIL-EL4093 Datasheet
379Kb / 12P
   300MHz DC-Restored Video Amplifier
logo
Renesas Technology Corp
EL4093 RENESAS-EL4093 Datasheet
878Kb / 12P
   300MHz DC-Restored Video Amplifier
logo
Elantec Semiconductor
EL2090C ELANTEC-EL2090C Datasheet
260Kb / 12P
   100 MHz DC-Restored Video Amplifier
EL4093C ELANTEC-EL4093C Datasheet
342Kb / 16P
   300 MHz DC-Restored Video Amplifier
logo
Intersil Corporation
ISL59451 INTERSIL-ISL59451 Datasheet
1Mb / 17P
   Triple 4:1 DC Restored Single Supply Video Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com