전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN1589 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FAN1589
상세설명  2.7A, 1.2V Low Dropout Linear Regulator for VRM8.5
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1589 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN1589_03 Datasheet HTML 3Page - Fairchild Semiconductor FAN1589_03 Datasheet HTML 4Page - Fairchild Semiconductor FAN1589_03 Datasheet HTML 5Page - Fairchild Semiconductor FAN1589_03 Datasheet HTML 6Page - Fairchild Semiconductor FAN1589_03 Datasheet HTML 7Page - Fairchild Semiconductor FAN1589_03 Datasheet HTML 8Page - Fairchild Semiconductor FAN1589_03 Datasheet HTML 9Page - Fairchild Semiconductor FAN1589_03 Datasheet HTML 10Page - Fairchild Semiconductor FAN1589_03 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PRODUCT SPECIFICATION
FAN1589
REV. 1.0.5 11/10/03
7
Junction-to-case thermal resistance is specified from the IC
junction to the bottom of the case directly below the die. This
is the lowest resistance path for heat flow. Proper mounting
ensures the best thermal flow from this area of the package to
the heat sink. Use of a thermally conductive material at the
case-to-heat sink interface is recommended. Use a thermally
conductive spacer if the case of the device must be electrically
isolated and include its contribution to the total thermal
resistance. The case of the FAN1589 is directly connected to
the output of the device.
Figure 10. Application Circuit (FAN1589)
FAN1589
U1
GND
C3
100
µF
VOUT
1.2V
+
C1
10
µF
+
VIN
VOUT
VIN
3.3V
Table 1. Bill of Materials for Application Circuit for the FAN1589
Item
Quantity
Manufacturer
Part Number
Description
C1
1
Xicon
L10V10
10µF, 10V Aluminum
C3
1
Xicon
L10V100
100µF, 10V Aluminum
U1
1
Fairchild
FAN1589T
2.7A Regulator


유사한 부품 번호 - FAN1589_03

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN1589 FAIRCHILD-FAN1589 Datasheet
82Kb / 12P
   2.7A, 1.2V Low Dropout Linear Regulator for VRM8.5
More results

유사한 설명 - FAN1589_03

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN1589 FAIRCHILD-FAN1589 Datasheet
82Kb / 12P
   2.7A, 1.2V Low Dropout Linear Regulator for VRM8.5
FAN1112SX FAIRCHILD-FAN1112SX Datasheet
44Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
FAN1112 FAIRCHILD-FAN1112 Datasheet
39Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
FAN1112DX FAIRCHILD-FAN1112DX Datasheet
44Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
LM1589 HTC-LM1589 Datasheet
147Kb / 4P
   2.7A, 1.2V L.D.O. VOLTAGE REGULATOR
logo
uPI Group Inc.
UP0115P UPI-UP0115P Datasheet
1Mb / 11P
   Controller for Low-Dropout Linear Regulator
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com