전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN2011 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FAN2011
상세설명  1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2011 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FAN2011_06 Datasheet HTML 1Page - Fairchild Semiconductor FAN2011_06 Datasheet HTML 2Page - Fairchild Semiconductor FAN2011_06 Datasheet HTML 3Page - Fairchild Semiconductor FAN2011_06 Datasheet HTML 4Page - Fairchild Semiconductor FAN2011_06 Datasheet HTML 5Page - Fairchild Semiconductor FAN2011_06 Datasheet HTML 6Page - Fairchild Semiconductor FAN2011_06 Datasheet HTML 7Page - Fairchild Semiconductor FAN2011_06 Datasheet HTML 8Page - Fairchild Semiconductor FAN2011_06 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.fairchildsemi.com
FAN2011/FAN2012 Rev. 1.0.4
Typical Application
Figure 1. Typical Application
Pin Assignment
Figure 2. Pin Assignment
Pin Description
FAN2011 (3x3mm 6-Lead MLP)
FAN2012 (3x3mm 6-Lead MLP)
Pin No.
Pin Name
Pin Description
P1
AGND
Analog Ground. P1 must be soldered to the PCB ground.
1FB
Feedback Input. Adjustable voltage option; connect this pin to the resistor divider.
2
PGND
Power Ground. This pin is connected to the internal MOSFET switches. This pin
must be externally connected to AGND.
3SW
Switching Node. This pin is connected to the internal MOSFET switches.
4
PVIN
Supply Voltage Input. This pin is connected to the internal MOSFET switches.
5VIN
Supply Voltage Input.
6NC
Not Connected. This pin is not internally connected.
Pin No.
Pin Name
Pin Description
P1
AGND
Analog Ground. P1 must be soldered to the PCB ground.
1
FB
Feedback Input. Adjustable voltage option; connect this pin to the resistor divider.
2
PGND
Power Ground. This pin is connected to the internal MOSFET switches. This pin
must be externally connected to AGND.
3SW
Switching Node. This pin is connected to the internal MOSFET switches.
4PVIN
Supply Voltage Input. This pin is connected to the internal MOSFET switches.
5VIN
Supply Voltage Input.
6EN
Enable Input. Logic high enables the chip and logic low disables the chip, reducing
the supply current to less than 1µA. Do not float this pin.
FAN2011
FAN2012
1
2
3
6
5
4
FB
PGND
SW
PVIN
VIN
NC
P1
(AGND)
L1
R2
R1
+5V
VOUT
4 x 10
µF
3.3
µH
10
µF
10K
1
2
3
6
5
4
FB
PGND
SW
PVIN
VIN
EN
P1
(AGND)
L1
R2
R1
+5V
VOUT
4 x 10
µF
3.3
µH
10
µF
10K
FAN2011
3x3mm 6-Lead MLP
FAN2012
3x3mm 6-Lead MLP
Top View
1
2
3
6
5
4
1
2
3
6
5
4
FB
PGND
SW
PVIN
VIN
NC
FB
PGND
SW
PVIN
VIN
EN
P1
(AGND)
P1
(AGND)


유사한 부품 번호 - FAN2011_06

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2011EMPX FAIRCHILD-FAN2011EMPX Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011I FAIRCHILD-FAN2011I Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011I FAIRCHILD-FAN2011I Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011IMPX FAIRCHILD-FAN2011IMPX Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011MPX FAIRCHILD-FAN2011MPX Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
More results

유사한 설명 - FAN2011_06

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2011EMPX FAIRCHILD-FAN2011EMPX Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
FAN2013 FAIRCHILD-FAN2013_08 Datasheet
884Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2013B FAIRCHILD-FAN2013B Datasheet
827Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Micrel Semiconductor
MIC2179 MICREL-MIC2179 Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
MIC2179 MICREL-MIC2179_09 Datasheet
375Kb / 13P
   1.5A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8009A RENESAS-ISL8009A Datasheet
1,019Kb / 13P
   1.5A Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com