전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59530 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL59530
상세설명  16x16 Video Crosspoint
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59530 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL59530_07 Datasheet HTML 1Page - Intersil Corporation ISL59530_07 Datasheet HTML 2Page - Intersil Corporation ISL59530_07 Datasheet HTML 3Page - Intersil Corporation ISL59530_07 Datasheet HTML 4Page - Intersil Corporation ISL59530_07 Datasheet HTML 5Page - Intersil Corporation ISL59530_07 Datasheet HTML 6Page - Intersil Corporation ISL59530_07 Datasheet HTML 7Page - Intersil Corporation ISL59530_07 Datasheet HTML 8Page - Intersil Corporation ISL59530_07 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
®
16x16 Video Crosspoint
The ISL59530 is a 300MHz 16x16 Video Crosspoint Switch.
Each input has an integrated DC-restore clamp and an input
buffer. Each output has a fast On-Screen Display (OSD)
switch (for inserting graphics or other video) and an output
buffer. The switch is non-blocking, so any combination of
inputs to outputs can be chosen, including one channel
driving multiple outputs. The Broadcast Mode directs one
input to all 16 outputs. The output buffers can be individually
controlled through the SPI interface, the gain can be
programmed to x1 or x2, and each output can be placed into
a high impedance mode.
The ISL59530 offers a typical -3dB signal bandwidth of
300MHz. Differential gain of 0.025% and differential phase of
0.05°, along with 0.1dB flatness out to 50MHz, make the
ISL59530 suitable for many video applications.
The switch matrix configuration and output buffer gain are
programmed through an SPI/QSPI™-compatible three-wire
serial interface. The ISL59530 interface is designed to
facilitate both fast updates and initialization. On power-up, all
outputs are high impedance to avoid output conflicts.
The ISL59530 is available in a 356 ball BGA package and
specified over an extended -40°C to +85°C temperature range.
The single-supply ISL59530 can accommodate input signals
from 0V to 3.5V and output voltages from 0V to 3.8V. Each
input includes a clamp circuit that restores the input level to
an externally applied reference in AC-coupled applications.
The ISL59531 is a fully differential input version of this device.
Features
• 16x16 non-blocking switch with buffered inputs and outputs
• 300MHz typical bandwidth
• 0.025%/0.05° dG/dP
• Output gain switchable x1 or x2 for each channel
• Individual outputs can be put in a high impedance state
• -90dB Isolation at 6MHz
• SPI digital interface
• Single +5V supply operation
• Pb-free plus anneal available (RoHS compliant)
Applications
• Security camera switching
•RGB routing
• HDTV routing
Block Diagram
Ordering Information
PART NUMBER
TAPE &
REEL
PACKAGE
PKG.
DWG. #
ISL59530IKZ (Note)
-
356 Ld PBGA (Pb-free) V356.27x27
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
16x16
SWITCH
MATRIX
SPI INTERFACE AND
CONTROL REGISTERS
16 VIDEO
INPUTS
IN0 – IN15
VREF
OVERn
VOVERn
16 VIDEO
OUTPUTS
OUT0 – OUT15
AV
X1, X2
OUTPUT
ENABLE
VS
SDI
SLATCH
16 OVERLAY
VIDEO INPUTS
SCLK
SDO
CLAMP
ENABLE
VSDO
CLAMP
CLAMP
16 OVERLAY
CHANNEL
ENABLES
FN6220.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2006, 2007. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL59530
Data Sheet
February 7, 2007


유사한 부품 번호 - ISL59530_07

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59530_0708 INTERSIL-ISL59530_0708 Datasheet
1Mb / 25P
   16x16 Video Crosspoint
More results

유사한 설명 - ISL59530_07

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59530_0708 INTERSIL-ISL59530_0708 Datasheet
1Mb / 25P
   16x16 Video Crosspoint
logo
Renesas Technology Corp
ISL59530 RENESAS-ISL59530 Datasheet
1Mb / 26P
   16x16 Video Crosspoint
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530_11 Datasheet
2Mb / 26P
   16x16 Video Crosspoint
logo
Analog Devices
AD8116 AD-AD8116_16 Datasheet
210Kb / 16P
   16x16 Buffered Video Crosspoint Switch
logo
Intersil Corporation
ISL59531 INTERSIL-ISL59531 Datasheet
1Mb / 21P
   16x16 Video Crosspoint with Differential Inputs
logo
Analog Devices
AD8114 AD-AD8114_16 Datasheet
403Kb / 25P
   16x16 Crosspoint Switches
logo
Maxim Integrated Produc...
MAX4355 MAXIM-MAX4355 Datasheet
730Kb / 40P
   16x16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 0; 10/01
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
Vitesse Semiconductor C...
VSC880 VITESSE-VSC880 Datasheet
381Kb / 28P
   High Performance 16x16 Serial Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com