전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54400 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL54400
상세설명  Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54400 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL54400 Datasheet HTML 1Page - Intersil Corporation ISL54400 Datasheet HTML 2Page - Intersil Corporation ISL54400 Datasheet HTML 3Page - Intersil Corporation ISL54400 Datasheet HTML 4Page - Intersil Corporation ISL54400 Datasheet HTML 5Page - Intersil Corporation ISL54400 Datasheet HTML 6Page - Intersil Corporation ISL54400 Datasheet HTML 7Page - Intersil Corporation ISL54400 Datasheet HTML 8Page - Intersil Corporation ISL54400 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
FN6240.3
July 12, 2006
Pinouts (Note 1)
ISL54400 (TDFN,
µTQFN)
TOP VIEW
ISL54401 (TDFN,
µTQFN)
TOP VIEW
ISL54402 (TDFN,
µTQFN)
TOP VIEW
NOTE:
1. ISL54400, ISL54401 Switches Shown for VBUS not present (or idle). ISL54402 Switches Shown for Logic “0” Inputs.
VDD
VBUS
D +/R
D-/L
D +
GND
1
2
3
4
5
10
9
8
7
6
R
L
VTERM
1
3
4
D-
D-/L
L
VBUS
VTERM
2
10
5
7
8
D+
D+/R
R
GND
9
6
D -
VDD
POWER/LOGIC
CONTROL
POWER/LOGIC
CONTROL
50k
50k
5.3k
2M
50k
50k
2M
5.3k
1
3
4
D-
D-/L
L
VBUS
N.C,
2
10
5
7
8
D+
D+/R
R
GND
9
6
VDD
POWER/LOGIC
CONTROL
50k
50k
2M
VDD
VBUS
D +/R
D-/L
D +
GND
1
2
3
4
5
10
9
8
7
6
R
L
N.C.
D -
POWER/LOGIC
CONTROL
50k
50k
2M
VDD
IN2
COM2
COM1
NC1
GND
1
2
3
4
5
10
9
8
7
6
NC2
NO2
IN1
NO1
LOGIC
CONTROL
50k
50k
1
3
4
NO1
COM1
NC1
IN1
2
10
5
7
8
NO2
COM2
NC2
GND
9
6
VDD
LOGIC
CONTROL
50k
50k
IN2
ISL54400, ISL54401, ISL54402


유사한 부품 번호 - ISL54400

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54400 INTERSIL-ISL54400 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54400 RENESAS-ISL54400 Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
ISL54400EVAL1Z RENESAS-ISL54400EVAL1Z Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
ISL54400IRUZ-T RENESAS-ISL54400IRUZ-T Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
ISL54400IRZ RENESAS-ISL54400IRZ Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
More results

유사한 설명 - ISL54400

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54400 RENESAS-ISL54400 Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54416 INTERSIL-ISL54416 Datasheet
490Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches with Negative Signal Capability
ISL54207 INTERSIL-ISL54207 Datasheet
468Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Renesas Technology Corp
ISL54207 RENESAS-ISL54207 Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Intersil Corporation
ISL54208 INTERSIL-ISL54208 Datasheet
447Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Renesas Technology Corp
ISL54208 RENESAS-ISL54208 Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54415 RENESAS-ISL54415 Datasheet
871Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/Audio Switches with Negative Signal Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com