전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54401 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL54401
상세설명  Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54401 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL54401 Datasheet HTML 1Page - Intersil Corporation ISL54401 Datasheet HTML 2Page - Intersil Corporation ISL54401 Datasheet HTML 3Page - Intersil Corporation ISL54401 Datasheet HTML 4Page - Intersil Corporation ISL54401 Datasheet HTML 5Page - Intersil Corporation ISL54401 Datasheet HTML 6Page - Intersil Corporation ISL54401 Datasheet HTML 7Page - Intersil Corporation ISL54401 Datasheet HTML 8Page - Intersil Corporation ISL54401 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
FN6240.3
July 12, 2006
Truth Table
ISL54401
VBUS
L, R
D+, D-
0ON
OFF
1OFF
ON
Logic “0” when
≤ VDD + 0.2V, Logic “1” when ≥ VDD + 0.8V
Truth Table
ISL54400
VDD
VBUS
L, R
D+, D-
VTERM
0
0
ON
OFF
Open
0
1
OFF
ON
Open
1
0
ON
OFF
Open
1
1
OFF
ON
3.3V to 4.0V
VDD: Logic “0” when < 2.4V, Logic “1” when ≥ 2.5V
VBUS: Logic “0” when ≤ VDD + 0.2V, Logic “1” when ≥ VDD + 0.8V
Truth Table
ISL54402
IN
NCx
NOx
0ON
OFF
1OFF
ON
Logic “0”
≤ 0.5V. Logic “1” ≥ 1.4V, with VDD between 2.7V and 3.6V
Pin Descriptions
NO.
ISL54400
ISL54401
ISL54402
NAME
FUNCTION
NAME
FUNCTION
NAME
FUNCTION
1VDD
Power Supply (Audio Switches)
Control Input for VTERM
VDD
Power Supply (Audio Switches)
VDD
System Power Supply Input
2VBUS
Digital Control Input
Power Supply (USB Switches)
VBUS
Digital Control Input
Power Supply (USB Switches)
IN2
Digital Control Input
3
D-/L
Voice and Data Common Pin
D-/L
Voice and Data Common Pin
COM1
Common Pin
4
D+/R
Voice and Data Common Pin
D+/R
Voice and Data Common Pin
COM2
Common Pin
5
GND
Ground Connection
GND
Ground Connection
GND
Ground Connection
6
R
Audio Right Input
R
Audio Right Input
NC2
Normally Closed Pin
7
L
Audio Left Input
L
Audio Left Input
NC1
Normallly Closed Pin
8
D+
USB Differential Input
D+
USB Differential Input
NO2
Normally Open Pin
9
D-
USB Differential Input
D-
USB Differential Input
NO1
Normallly Open Pin
10
VTERM
USB VTERM Voltage, Outputs
3.3V to 4.0V when VBUS = 4.4V
to 5.25V and VDD = logic “1” and
connected to Upstream USB
Termination.
N.C.
No Connect
IN1
Digital Control Input
ISL54400, ISL54401, ISL54402


유사한 부품 번호 - ISL54401

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54401 INTERSIL-ISL54401 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54401 RENESAS-ISL54401 Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
ISL54401EVAL1Z RENESAS-ISL54401EVAL1Z Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
ISL54401IRUZ-T RENESAS-ISL54401IRUZ-T Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
ISL54401IRZ RENESAS-ISL54401IRZ Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
More results

유사한 설명 - ISL54401

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54400 RENESAS-ISL54400 Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54416 INTERSIL-ISL54416 Datasheet
490Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches with Negative Signal Capability
ISL54207 INTERSIL-ISL54207 Datasheet
468Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Renesas Technology Corp
ISL54207 RENESAS-ISL54207 Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Intersil Corporation
ISL54208 INTERSIL-ISL54208 Datasheet
447Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Renesas Technology Corp
ISL54208 RENESAS-ISL54208 Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54415 RENESAS-ISL54415 Datasheet
871Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/Audio Switches with Negative Signal Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com