전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28290 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL28290
상세설명  Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28290 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL28290 Datasheet HTML 4Page - Intersil Corporation ISL28290 Datasheet HTML 5Page - Intersil Corporation ISL28290 Datasheet HTML 6Page - Intersil Corporation ISL28290 Datasheet HTML 7Page - Intersil Corporation ISL28290 Datasheet HTML 8Page - Intersil Corporation ISL28290 Datasheet HTML 9Page - Intersil Corporation ISL28290 Datasheet HTML 10Page - Intersil Corporation ISL28290 Datasheet HTML 11Page - Intersil Corporation ISL28290 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FN6247.3
April 13, 2007
FIGURE 23. POSITIVE VOUT vs TEMPERATURE RL = 1k
VS = ±2.5V
FIGURE 24. NEGATIVE VOUT vs TEMPERATURE RL = 1k
VS = ±2.5V
Typical Performance Curves (Continued)
4.962
4.964
4.966
4.968
4.970
4.972
4.974
4.976
4.978
4.980
4.982
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MAX
MIN
n = 50
MEDIAN
10
15
20
25
30
35
40
45
50
-40
-20
0
20406080
100
120
TEMPERATURE (°C)
n = 50
MEDIAN
MIN
MAX
Pin Descriptions
ISL28190
(6 Ld SOT-23)
ISL28190
(6 Ld
μTDFN)
ISL28290
(10 Ld MSOP)
ISL28190
(10 Ld
μTDFN)
PIN
NAME
FUNCTION
EQUIVALENT CIRCUIT
41
2 (A)
8 (B)
1 (A)
7 (B)
IN-
Inverting input
Circuit 1
33
3 (A)
7 (B)
2 (A)
6 (B)
IN+
Non-inverting
input
(See circuit 1)
2
2
4
3
V-
Negative supply
14
1 (A)
9 (B)
10 (A)
8 (B)
OUT
Output
Circuit 2
6
6
10
9
V+
Positive supply
55
5 (A)
6 (B)
4 (A)
5 (B)
ENABLE
Enable BAR pin
internal pull-down;
Logic “1” selects
the disabled state;
Logic “0” selects
the enabled state.
Circuit 3
IN+
IN-
V+
V-
V+
V-
OUT
ENABLE
V+
V-
ISL28190, ISL28290


유사한 부품 번호 - ISL28290

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28290 INTERSIL-ISL28290 Datasheet
1Mb / 16P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290 INTERSIL-ISL28290 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
ISL28290 INTERSIL-ISL28290 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
logo
Intersil Corporation
ISL28290EVAL1Z INTERSIL-ISL28290EVAL1Z Datasheet
1Mb / 16P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
More results

유사한 설명 - ISL28290

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190_08 Datasheet
1Mb / 16P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL55191 INTERSIL-ISL55191 Datasheet
880Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
logo
Renesas Technology Corp
ISL28190 RENESAS-ISL28190 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
ISL55191 RENESAS-ISL55191 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191_08 Datasheet
1Mb / 16P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
ISL28191 INTERSIL-ISL28191 Datasheet
1Mb / 14P
   Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
logo
Renesas Technology Corp
ISL28191 RENESAS-ISL28191 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
logo
Intersil Corporation
ISL55190 INTERSIL-ISL55190 Datasheet
961Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
logo
Renesas Technology Corp
ISL55190 RENESAS-ISL55190 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com