전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5069MTCX 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FAN5069MTCX
상세설명  PWM and LDO Controller Combo
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5069MTCX 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FAN5069MTCX Datasheet HTML 1Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 2Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 3Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5069 Rev. 1.1.5
2
Typical Application
Figure 1. Typical Application Diagram
FAN5069
ILIM
SS
R4
4
3
C3
R(T)
2
EN
7
AGND
8
R5
FB
PWM OUT
Q2
PGND
LDRV
SW
HDRV
BOOT
12
13
9
10
11
6
Q1
COMP
5
R
R1
R2
3
3 TO 24V
C2
C6
C7
C4
C1
L1
C5
FBLDO
R7
GLDO
PWM OUT
16
1
LDO OUT
R6
Q3
C8
ULDO
CONTROL
PWM
14
R(RAMP)
VCC
+12V
15
C9
RVCC
+5V
R8


유사한 부품 번호 - FAN5069MTCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5069MTCX FAIRCHILD-FAN5069MTCX Datasheet
379Kb / 20P
   PWM and LDO Controller Combo
FAN5069MTCX FAIRCHILD-FAN5069MTCX Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
More results

유사한 설명 - FAN5069MTCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5069 FAIRCHILD-FAN5069 Datasheet
379Kb / 20P
   PWM and LDO Controller Combo
FAN5069 FAIRCHILD-FAN5069_08 Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
logo
International Rectifier
IRU3048 IRF-IRU3048 Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
Advanced Power Electron...
APU3048 A-POWER-APU3048 Datasheet
189Kb / 15P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
Microsemi Corporation
NX2139A MICROSEMI-NX2139A Datasheet
857Kb / 21P
   SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099 Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
logo
Microsemi Corporation
LX2750 MICROSEMI-LX2750 Datasheet
394Kb / 11P
   SINGLE INPUT SUPPLY PWM CONTROLLER WITH LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com