전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5608DHMPX 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 FAN5608DHMPX
상세설명  Serial / Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5608DHMPX 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5608DHMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 9Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 10Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 11Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 12Page - Fairchild Semiconductor FAN5608DHMPX Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5608 Rev. 1.0.5 • 8/8/06
10
FAN5608 Efficiency Curves
2.7V to 5.5V
L = 6.9µH
VIN
B1
A1
A2
INDA
INDB
GND
B2
CH1
CH2
V
OUT
FAN5608DHMPX
4.7µF
NC
VOUT
DAC Input for CH1
DAC Input for CH2
Figure 16. FAN5608 with four LEDs
Figure 17. FAN5608 efficiency with four LEDs
2.7V to 5.5V
L = 6.8µH
V
IN
B1
A1
A2
INDA
INDB
GND
B2
CH1
CH2
VOUT
FAN5608DHMPX
4.7µF
NC
V
OUT
DAC Input for CH1
DAC Input for CH2
Figure 18. FAN5608 with six LEDs
Figure 19. FAN5608 efficiency with six LEDs
2.7V to 5.5V
L = 4.7µH
V
IN
B1
A1
A2
INDA
INDB
GND
B2
CH1
CH2
V
OUT
FAN5608DHMPX
4.7µF
NC
V
OUT
DAC Input for CH1
DAC Input for CH2
Figure 20. FAN5608 with eight LEDs
Figure 21. FAN5608 efficiency with eight LEDs


유사한 부품 번호 - FAN5608DHMPX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5608DHMPX FAIRCHILD-FAN5608DHMPX Datasheet
206Kb / 17P
   Serial/Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
More results

유사한 설명 - FAN5608DHMPX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5608 FAIRCHILD-FAN5608 Datasheet
206Kb / 17P
   Serial/Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
FAN5606 FAIRCHILD-FAN5606 Datasheet
112Kb / 9P
   Serial LED Driver with Current-Regulated, Step-Up DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
   Step-up DC-DC Converter , White LED Driver
logo
Torex Semiconductor
XC9116 TOREX-XC9116 Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
   Step-up DC/DC converter white LED driver
logo
YOBON TECHNOLOGIES,INC.
YB1517 YOBON-YB1517 Datasheet
337Kb / 10P
   Step-up DC-DC Converter & White LED Driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
   Step-up DC/DC converter White LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com