전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL55290IUZ-T13 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 ISL55290IUZ-T13
상세설명  Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55290IUZ-T13 데이터시트(HTML) 5 Page - Intersil Corporation

  ISL55290IUZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL55290IUZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL55290IUZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL55290IUZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL55290IUZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL55290IUZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL55290IUZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL55290IUZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL55290IUZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
FN6262.1
March 30, 2007
Typical Performance Curves
FIGURE 1. GAIN vs FREQUENCY vs Rf AND Rg
FIGURE 2. GAIN vs FREQUENCY vs VOUT
FIGURE 3. ISL55290 GAIN vs FREQUENCY vs RL
FIGURE 4. CLOSED LOOP GAIN vs FREQUENCY
FIGURE 5. GAIN vs FREQUENCY vs VS
FIGURE 6. ISL55190 GAIN vs FREQUENCY vs CL
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
FREQUENCY (MHz)
Rf = 402, RG = 100
Rf = 100, RG = 24.9
AV = 5
RL = 1k
VOUT = 100mVP-P
Rf = 604, RG = 150
.01
0.1
1.0
10
100
1k
Rf = 1.21k, RG = 301
-8
-7
-6
-5
-4
-3
-2
-1
0
1
VOUT = 1V
VOUT = 100mV
VOUT = 200mV
FREQUENCY (MHz)
AV = 5
Rf = 402
Rg = 100
RL = 1k
0.1
1.0
10
100
1k
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
.01
0.1
1.0
10
100
1k
FREQUENCY (MHz)
AV = 5
CL = 1.2pF
VP-P = 100mV
Cg = 0.8pF
Rg = 100
Rf = 402
RL= 249
RL= 499
RL= 1000
RL= 100
0
10
20
30
40
50
60
70
AV = 1000 Rf/Rg = 100k/100
AV = 100 Rf/Rg = 10k/100
AV = 10 Rf/Rg = 909/100
AV = 5 Rf/Rg = 402/100
FREQUENCY (MHz)
RL = 1k
CL = 2.2pF
Cg = 2.5pF
VP-P = 100mV
0.1
1.0
10
100
1k
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
FREQUENCY (MHz)
AV = 5
RL = 1k
VP-P = 100mV
CG = 1.6pF
RG = 100
RF = 402
VS= 5.0V
AV = 5
RL = 1k
VOUT = 100mVP-P
Cg = 1.6pF
Rg = 100
Rf = 402
VS = 5.0V
.01
0.1
1.0
10
100
1k
VS = 2.4V
FREQUENCY (MHz)
CL = 13.2pF
CL = 8.0pF
CL = 4.5pF
CL = 2.2pF
CL = 1.2pF
AV = 5
RL = 1k
Rf = 402
Rg = 100
VOUT = 100mVP-P
.01
0.1
1.0
10
100
1k
-3
-1
0
1
2
3
-2
4
-4
-5
-6
ISL55190, ISL55290


유사한 부품 번호 - ISL55290IUZ-T13

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL55290IUZ-T13 RENESAS-ISL55290IUZ-T13 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
More results

유사한 설명 - ISL55290IUZ-T13

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL55190 RENESAS-ISL55190 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
logo
Intersil Corporation
ISL55191 INTERSIL-ISL55191 Datasheet
880Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
ISL28190 INTERSIL-ISL28190 Datasheet
908Kb / 14P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
logo
Linear Technology
LT1115 LINER-LT1115 Datasheet
932Kb / 12P
   Ultra-Low Noise, Low Distortion, Audio Op Amp
logo
Renesas Technology Corp
ISL55191 RENESAS-ISL55191 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190_08 Datasheet
1Mb / 16P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28190 RENESAS-ISL28190 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191_08 Datasheet
1Mb / 16P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28191 RENESAS-ISL28191 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com