전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

ISL28286 데이터시트(HTML) 5 Page - Intersil Corporation

부품명 ISL28286
상세내용  Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo 

ISL28286 데이터시트(HTML) 5 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
/ 15 page
 5 / 15 page
background image
5
FN6312.0
September 22, 2006
FIGURE 5. AVOL vs FREQUENCY @ 100kΩ LOAD
FIGURE 6. AVOL vs FREQUENCY @ 1kΩ LOAD
FIGURE 7. PSRR vs FREQUENCY
FIGURE 8. CMRR vs FREQUENCY
FIGURE 9. SMALL SIGNAL TRANSIENT RESPONSE
FIGURE 10. LARGE SIGNAL TRANSIENT RESPONSE
Typical Performance Curves (Continued)
-80
40
120
80
-40
0
1
1k
100k
10M
FREQUENCY (Hz)
10
-120
80
40
0
-40
-80
10k
1M
100
-20
0
20
80
100
40
60
10
10k
1M
FREQUENCY (Hz)
100
-150
200
150
100
50
0
-50
-100
100k
1k
PHASE
GAIN
0
20
40
100
120
60
80
10
10k
1M
FREQUENCY (Hz)
100
100k
1k
PSRR -
110
90
70
50
30
10
PSRR +
VSOURCE = 1Vp-p
RL = 100kΩ
VS = 5VDC
AV = +1
10
40
50
60
90
100
70
80
20
30
10
1k
10k
100k
FREQUENCY (Hz)
100
VSOURCE = 1Vp-p
RL = 100kΩ
VS = 5VDC
AV = +1
2.42
2.46
2.48
2.50
2.52
2.54
2.56
0
2
4
6
8
10
12
14
16
18
20
2.44
VIN
VOUT = 0.1Vp-p
RL = 500Ω
VS = 5VDC
AV = +1
TIME (µs)
VOUT
VIN
VOUT
0
100
200
300
400
500
VOUT = 0.1Vp-p
RL = 500Ω
VS = 5VDC
AV = -2
TIME (µs)
5.0
4.0
3.0
2.0
1.0
0
VOUT
VIN
ISL28286, ISL28486


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn