전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28286FUZ 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL28286FUZ
상세설명  Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28286FUZ 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL28286FUZ Datasheet HTML 7Page - Intersil Corporation ISL28286FUZ Datasheet HTML 8Page - Intersil Corporation ISL28286FUZ Datasheet HTML 9Page - Intersil Corporation ISL28286FUZ Datasheet HTML 10Page - Intersil Corporation ISL28286FUZ Datasheet HTML 11Page - Intersil Corporation ISL28286FUZ Datasheet HTML 12Page - Intersil Corporation ISL28286FUZ Datasheet HTML 13Page - Intersil Corporation ISL28286FUZ Datasheet HTML 14Page - Intersil Corporation ISL28286FUZ Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FN6312.0
September 22, 2006
FIGURE 41. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 42. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
JEDEC JESD51-7 HIGH EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
1
0.9
0.6
0.4
0.3
0.2
0.1
0
0
255075
100
125
AMBIENT TEMPERATURE (°C)
85
870mW
θ
JA =
11
5°C
/W
M
SO
P8
/10
0.8
0.5
0.7
JEDEC JESD51-3 LOW EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
0.6
0.4
0.3
0.2
0.1
0
0
255075
100
125
AMBIENT TEMPERATURE (°C)
85
486mW
θ
JA =
20
C/W
M
SO
P8
/10
0.5
Pin Descriptions
ISL28286
(10 LD MSOP)
ISL28486
(16 LD QSOP)
PIN NAME
EQUIVALENT
CIRCUIT
DESCRIPTION
1
3
IN+_A
Circuit 1
Amplifier A non-inverting input
2EN_A
Circuit 2
Amplifier A enable pin internal pull-down; Logic “1” selects the disabled state;
Logic “0” selects the enabled state.
3
13
V-
Circuit 4
Negative power supply
4EN_B
Circuit 2
Amplifier B enable pin with internal pull-down; Logic “1” selects the disabled state;
Logic “0” selects the enabled state.
5
5
IN+_B
Circuit 1
Amplifier B non-inverting input
6
6
IN-_B
Circuit 1
Amplifier B inverting input
7
7
OUT_B
Circuit 3
Amplifier B output
8
4
V+
Circuit 4
Positive power supply
9
1
OUT_A
Circuit 3
Amplifier A output
10
2
IN-_A
Circuit 1
Amplifier A inverting input
10
OUT_C
Circuit 3
Amplifier C output
11
IN-_C
Circuit 1
Amplifier C inverting input
12
IN+_C
Circuit 1
Amplifier C non-inverting input
14
IN+_D
Circuit 1
Amplifier D non-inverting input
15
IN-_D
Circuit 1
Amplifier D inverting input
16
OUT_D
Circuit 3
Amplifier D output
8, 9
NC
-
No internal connection
IN-
V+
V-
LOGIC
PIN
V+
V-
V+
V-
OUT
CIRCUIT 3
CIRCUIT 1
CIRCUIT 2
IN+
V+
V-
CAPACITIVELY
COUPLED
ESD CLAMP
CIRCUIT 4
ISL28286, ISL28486


유사한 부품 번호 - ISL28286FUZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28286FUZ INTERSIL-ISL28286FUZ Datasheet
434Kb / 14P
   Dual and Quad Micropower Single Supply Dual and Quad Micropower Single Supply Precision Op Amp
logo
Renesas Technology Corp
ISL28286FUZ RENESAS-ISL28286FUZ Datasheet
893Kb / 14P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 28, 2007
More results

유사한 설명 - ISL28286FUZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28288 INTERSIL-ISL28288 Datasheet
514Kb / 12P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28278 INTERSIL-ISL28278 Datasheet
509Kb / 13P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28286 RENESAS-ISL28286 Datasheet
893Kb / 14P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 28, 2007
logo
Intersil Corporation
ISL28176 INTERSIL-ISL28176 Datasheet
972Kb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28176 RENESAS-ISL28176 Datasheet
1Mb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28278 INTERSIL-ISL28278_07 Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com