전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL21007DFB825Z 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL21007DFB825Z
상세설명  Precision, Low Noise FGA??Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21007DFB825Z 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL21007DFB825Z Datasheet HTML 1Page - Intersil Corporation ISL21007DFB825Z Datasheet HTML 2Page - Intersil Corporation ISL21007DFB825Z Datasheet HTML 3Page - Intersil Corporation ISL21007DFB825Z Datasheet HTML 4Page - Intersil Corporation ISL21007DFB825Z Datasheet HTML 5Page - Intersil Corporation ISL21007DFB825Z Datasheet HTML 6Page - Intersil Corporation ISL21007DFB825Z Datasheet HTML 7Page - Intersil Corporation ISL21007DFB825Z Datasheet HTML 8Page - Intersil Corporation ISL21007DFB825Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN6326.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL21007
Precision, Low Noise FGA™ Voltage
References
The ISL21007 FGA™ voltage references are extremely low
power, high precision, and low noise voltage references
fabricated on Intersil’s proprietary Floating Gate Analog
technology. The ISL21007 features very low noise (4µVP-P
for 0.1Hz to 10Hz) and very low operating current (150µA,
Max). In addition, the ISL21007 family features guaranteed
initial accuracy as low as ±0.5mV.
This combination of high initial accuracy, low drift, and low
output noise performance of the ISL21007 enables versatile
high performance control and data acquisition applications
with low power consumption.
Available Options
Pinout
ISL21007
(8 LD SOIC)
TOP VIEW
Features
• Reference Output Voltage . . . . . . . . . . . . . . .1.25V, 2.50V
• Initial Accuracy . . . . . . . . . . . . . . . . . . . . ±0.5mV (B grade)
• Input Voltage Range: . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
• Low Output Voltage Noise . . . . . . 4µVP-P (0.1Hz to 10Hz)
• Supply Current . . . . . . . . . . . . . . . . . . . . . . . .150µA (Max)
• Temperature Coefficient . . . . . . . . . . . . 3ppm/°C (B grade)
• Operating Temperature Range. . . . . . . . . -40°C to +125°C
• Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Ld SOIC
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• High Resolution A/Ds and D/As
• Digital Meters
• Bar Code Scanners
• Basestations
• Battery Management/Monitoring
• Industrial/Instrumentation Equipment
PART NUMBER
VOUT
OPTION
(V)
INITIAL
ACCURACY
(mV)
TEMPCO.
(ppm/°C)
ISL21007BFB812Z
1.250
±0.5
3
ISL21007CFB812Z
1.250
±1.0
5
ISL21007DFB812Z
1.250
±2.0
10
ISL21007BFB825Z
2.500
±0.5
3
ISL21007CFB825Z
2.500
±1.0
5
ISL21007DFB825Z
2.500
±2.0
10
GND or NC
VIN
DNC
GND
1
2
3
4
8
7
6
5
DNC
DNC
VOUT
TRIM
Data Sheet
April 12, 2007


유사한 부품 번호 - ISL21007DFB825Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21007DFB825Z INTERSIL-ISL21007DFB825Z Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
logo
Renesas Technology Corp
ISL21007DFB825Z RENESAS-ISL21007DFB825Z Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results

유사한 설명 - ISL21007DFB825Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com