전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL21009CFB850Z 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL21009CFB850Z
상세설명  Precision, Low Noise FGA??Voltage References
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21009CFB850Z 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL21009CFB850Z Datasheet HTML 5Page - Intersil Corporation ISL21009CFB850Z Datasheet HTML 6Page - Intersil Corporation ISL21009CFB850Z Datasheet HTML 7Page - Intersil Corporation ISL21009CFB850Z Datasheet HTML 8Page - Intersil Corporation ISL21009CFB850Z Datasheet HTML 9Page - Intersil Corporation ISL21009CFB850Z Datasheet HTML 10Page - Intersil Corporation ISL21009CFB850Z Datasheet HTML 11Page - Intersil Corporation ISL21009CFB850Z Datasheet HTML 12Page - Intersil Corporation ISL21009CFB850Z Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
FN6327.1
February 14, 2007
Typical Application Circuits
VIN = +5.0V
2N2905
2.5V/50mA
0.001µF
VIN
VOUT
GND
ISL21009
R = 200
Ω
FIGURE 31. PRECISION 2.5V 50mA REFERENCE
VOUT = 2.50V
FIGURE 32. 2.5V FULL SCALE LOW-DRIFT, LOW NOISE, 10-BIT ADJUSTABLE VOLTAGE SOURCE
VIN
VOUT
GND
+3.5 to 16.5V
0.1µF
0.001µF
VOUT
+
VCC
RH
RL
X9119
VSS
SDA
SCL
2-WIRE BUS
VOUT
(BUFFERED)
10µF
ISL21009-25
VOUT = 2.50V
EL8178
(UNBUFFERED)
ISL21009


유사한 부품 번호 - ISL21009CFB850Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21009CFB850Z INTERSIL-ISL21009CFB850Z Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009CFB850Z INTERSIL-ISL21009CFB850Z Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21009CFB850Z RENESAS-ISL21009CFB850Z Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
More results

유사한 설명 - ISL21009CFB850Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com