전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL22449WFV14Z 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL22449WFV14Z
상세설명  Quad Digitally Controlled Potentiometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22449WFV14Z 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL22449WFV14Z Datasheet HTML 1Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 2Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 3Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 4Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 5Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 6Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 7Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 8Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN6333.2
September 15, 2006
Block Diagram
SPI
INTERFACE
VCC
GND
RW0
RW1
RW2
RW3
SCK
SDI
SDO
CS
WR3
WR2
WR1
WR0
SHDN
VCC
POWER UP
INTERFACE,
CONTROL
AND STATUS
LOGIC
NON-
VOLATILE
REGISTERS
VCC
VCC
VCC
Pin Descriptions
TSSOP PIN
SYMBOL
DESCRIPTION
1
RW3
“Wiper” terminal of DCP3
2NC
3
SCK
SPI clock input
4
SDO
SPI open drain data output
5
GND
Device ground pin and the RL connection for each DCP
6
RW2
“Wiper” terminal of DCP2
7
RW1
“Wiper” terminal of DCP1
8NC
9CS
SPI Chip Select active low input
10
SDI
SPI data input
11
NC
12
VCC
Power supply pin and the RH connection for each DCP
13
SHDN
Shutdown active low input
14
RW0
“Wiper” terminal of DCP0
ISL22449


유사한 부품 번호 - ISL22449WFV14Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL22449WFV14Z INTERSIL-ISL22449WFV14Z Datasheet
403Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
logo
Renesas Technology Corp
ISL22449WFV14Z RENESAS-ISL22449WFV14Z Datasheet
837Kb / 13P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 128 Taps, Wiper Only
July 17, 2009
More results

유사한 설명 - ISL22449WFV14Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
X9252YV24IZ-2.7 INTERSIL-X9252YV24IZ-2.7 Datasheet
445Kb / 19P
   Quad Digitally-Controlled Potentiometer
July 24, 2014
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9401 INTERSIL-X9401_06 Datasheet
339Kb / 19P
   Quad, 64 Tap, Digitally Controlled Potentiometer
X9401WS24IZ INTERSIL-X9401WS24IZ Datasheet
403Kb / 20P
   Quad, 64 Tap, Digitally Controlled Potentiometer
September 14, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com