전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL21009CFB850Z-TK 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 ISL21009CFB850Z-TK
상세설명  Precision, Low Noise FGA??Voltage References
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21009CFB850Z-TK 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button ISL21009CFB850Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21009CFB850Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21009CFB850Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21009CFB850Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21009CFB850Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21009CFB850Z-TK Datasheet HTML 10Page - Intersil Corporation ISL21009CFB850Z-TK Datasheet HTML 11Page - Intersil Corporation ISL21009CFB850Z-TK Datasheet HTML 12Page - Intersil Corporation ISL21009CFB850Z-TK Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN6327.1
February 14, 2007
Applications Information
FGA Technology
The ISL21009 voltage reference uses floating gate
technology to create references with very low drift and
supply current. Essentially the charge stored on a floating
gate cell is set precisely in manufacturing. The reference
voltage output itself is a buffered version of the floating gate
voltage. The resulting reference device has excellent
characteristics which are unique in the industry: very low
temperature drift, high initial accuracy, and almost zero
supply current. Also, the reference voltage itself is not limited
by voltage bandgaps or zener settings, so a wide range of
reference voltages can be programmed (standard voltage
settings are provided, but customer-specific voltages are
available).
The process used for these reference devices is a floating
gate CMOS process, and the amplifier circuitry uses CMOS
transistors for amplifier and output transistor circuitry. While
providing excellent accuracy, there are limitations in output
noise level and load regulation due to the MOS device
characteristics. These limitations are addressed with circuit
techniques discussed in other sections.
Micropower Operation
The ISL21009 consumes extremely low supply current due
to the proprietary FGA technology. Low noise performance is
achieved using optimized biasing techniques. Supply current
is typically 95µA and noise is 4µVP-P benefitting precision,
low noise portable applications such as handheld meters
and instruments.
FIGURE 27. VOUT NOISE, 0.1Hz to 10Hz
FIGURE 28. LOAD TRANSIENT RESPONSE
FIGURE 29. LOAD TRANSIENT RESPONSE
Typical Performance Curves (ISL21009-50) (R
EXT = 100kΩ) (Continued)
GAIN IS x1000, NOISE
IS 4µVp-p
-50µA
50µA
7mA
-7mA
ISL21009


유사한 부품 번호 - ISL21009CFB850Z-TK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21009CFB850Z INTERSIL-ISL21009CFB850Z Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009CFB850Z INTERSIL-ISL21009CFB850Z Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21009CFB850Z RENESAS-ISL21009CFB850Z Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
More results

유사한 설명 - ISL21009CFB850Z-TK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com