전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54205AIRZ-T 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL54205AIRZ-T
상세설명  MP3/USB 2.0 High Speed Switch with Negative Signal Handling
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54205AIRZ-T 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL54205AIRZ-T Datasheet HTML 1Page - Intersil Corporation ISL54205AIRZ-T Datasheet HTML 2Page - Intersil Corporation ISL54205AIRZ-T Datasheet HTML 3Page - Intersil Corporation ISL54205AIRZ-T Datasheet HTML 4Page - Intersil Corporation ISL54205AIRZ-T Datasheet HTML 5Page - Intersil Corporation ISL54205AIRZ-T Datasheet HTML 6Page - Intersil Corporation ISL54205AIRZ-T Datasheet HTML 7Page - Intersil Corporation ISL54205AIRZ-T Datasheet HTML 8Page - Intersil Corporation ISL54205AIRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN6342.1
December 7, 2006
Pinouts (Note 1)
ISL54205A
(10 LD
μTQFN)
TOP VIEW
ISL54205A
(10 LD TDFN)
TOP VIEW
NOTE:
1. ISL54205 Switches shown for VBUS = Logic “0” and CTRL = Logic “1”.
1
3
4
D-
COM -
L
VBUS
CTRL
2
10
5
7
8
D+
COM +
R
GND
9
6
VDD
LOGIC
CONTROL
4M
4M
50k
50k
2
4
5
D-
COM -
L
VBUS
3
7
8
D+
COM +
R
9
6
VDD
LOGIC
CONTROL
4M
50k
50k
1
GND
10
4M
CTRL
Truth Table
ISL54205A
VBUS
CTRL
L, R
D+, D-
00
OFF
OFF
0
1
ON
OFF
1X
OFF
ON
CTRL: Logic “0” when
≤ 0.5V, Logic “1” when ≥ 1.4V
VBUS: Logic “0” when ≤ VDD + 0.2V or Floating, Logic “1” when
≥VDD + 0.8V
Ordering Information
PART NUMBER
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
ISL54205AIRUZ-T
(Note)
FT
-40 to +85 10 Ld
μTQFN
Tape and Reel
(Pb-free)
L10.2.1x1.6A
ISL54205AIRZ-T
(Note)
205Z
-40 to +85 10 Ld TDFN
Tape and Reel
(Pb-free)
L10.3x3A
ISL54205AIRZ
(Note)
205Z
-40 to +85 10 Ld TDFN
(Pb-free)
L10.3x3A
ISL54205EVAL1Z
-40 to +85 Evaluation Board
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin plate or
NiPdAu termination finish, which are RoHS compliant and compatible with
both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the
Pb-free requirements of IPC/JEDEC J STD-020.
Pin Descriptions
ISL54205A
PIN NO.
NAME
FUNCTION
1
VDD
Power Supply
2
VBUS
Digital Control Input
3
COM-
Voice and Data Common Pin
4
COM+
Voice and Data Common Pin
5
GND
Ground Connection
6
R
Audio Right Input
7
L
Audio Left Input
8
D+
USB Differential Input
9
D-
USB Differential Input
10
CTRL
Digital Control Input (Audio Enable)
ISL54205A


유사한 부품 번호 - ISL54205AIRZ-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54205AIRZ-T RENESAS-ISL54205AIRZ-T Datasheet
767Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results

유사한 설명 - ISL54205AIRZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A_1010 INTERSIL-ISL54206A_1010 Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com