전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FCAS50SN60 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FCAS50SN60
상세설명  Smart Power Module for SRM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCAS50SN60 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FCAS50SN60_06 Datasheet HTML 2Page - Fairchild Semiconductor FCAS50SN60_06 Datasheet HTML 3Page - Fairchild Semiconductor FCAS50SN60_06 Datasheet HTML 4Page - Fairchild Semiconductor FCAS50SN60_06 Datasheet HTML 5Page - Fairchild Semiconductor FCAS50SN60_06 Datasheet HTML 6Page - Fairchild Semiconductor FCAS50SN60_06 Datasheet HTML 7Page - Fairchild Semiconductor FCAS50SN60_06 Datasheet HTML 8Page - Fairchild Semiconductor FCAS50SN60_06 Datasheet HTML 9Page - Fairchild Semiconductor FCAS50SN60_06 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
www.fairchildsemi.com
FCAS50SN60 Rev. A
Electrical Characteristics (T
J = 25°C, Unless Otherwise Specified)
Inverter Part
Note:
3. tON and tOFF include the propagation delay time of the internal drive IC. tC(ON) and tC(OFF) are the switching time of IGBT itself under the given gate driving condition internally.
For the detailed information, please see Figure 4.
Figure 4. Switching Time Definition
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VCE(SAT)
Collector-Emitter
Saturation Voltage
VCC = VBS = 15V
VIN = 5V
IC = 50A, TJ = 25°C
-
1.6
2.3
V
VFM
FWDi Forward Voltage
VIN = 0V
IC = 50A, TJ = 25°C
-
2.1
3.0
V
HS
tON
Switching Times
VPN = 300V, VCC = VBS = 15V
IC = 50A
VIN = 0V ↔ 5V, Inductive Load
RE(H) = 10Ω
(Note 3)
-0.8
-
µs
tC(ON)
-0.6
-
µs
tOFF
-1.5
-
µs
tC(OFF)
-0.8
-
µs
trr
-0.08
-
µs
LS
tON
VPN = 300V, VCC = VBS = 15V
IC = 50A
VIN = 0V ↔ 5V, Inductive Load
(Note 3)
-1.1
-
µs
tC(ON)
-0.9
-
µs
tOFF
-1.5
-
µs
tC(OFF)
-0.8
-
µs
trr
-0.05
-
µs
ICES
Collector - Emitter
Leakage Current
VCE = VCES
-
-
250
µA
V
CE
I
C
V
IN
t
OF F
t
C ( O FF)
V
IN ( O F F )
10 % V
CE
10 % I
C
V
CE
I
C
V
IN
t
ON
t
C( O N )
V
IN ( O N )
10 % I
C
10 % V
CE
90 % I
C
1 00% I
C
t
rr


유사한 부품 번호 - FCAS50SN60_06

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FCAS50SN60 FAIRCHILD-FCAS50SN60 Datasheet
489Kb / 16P
   Smart Power Module for SRM
More results

유사한 설명 - FCAS50SN60_06

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FCAS20DN60BB FAIRCHILD-FCAS20DN60BB Datasheet
588Kb / 14P
   Smart Power Module for SRM
FCAS30DN60BB FAIRCHILD-FCAS30DN60BB Datasheet
384Kb / 14P
   Smart Power Module for SRM
FCAS50SN60 FAIRCHILD-FCAS50SN60 Datasheet
489Kb / 16P
   Smart Power Module for SRM
logo
Solid States Devices, I...
PM0003 SSDI-PM0003_15 Datasheet
129Kb / 2P
   SRM POWER MODULE
PM0003 SSDI-PM0003 Datasheet
129Kb / 2P
   SRM POWER MODULE
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com