전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59311 데이터시트(PDF) 10 Page - Intersil Corporation

부품명 ISL59311
상세설명  Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59311 데이터시트(HTML) 10 Page - Intersil Corporation

Back Button ISL59311 Datasheet HTML 6Page - Intersil Corporation ISL59311 Datasheet HTML 7Page - Intersil Corporation ISL59311 Datasheet HTML 8Page - Intersil Corporation ISL59311 Datasheet HTML 9Page - Intersil Corporation ISL59311 Datasheet HTML 10Page - Intersil Corporation ISL59311 Datasheet HTML 11Page - Intersil Corporation ISL59311 Datasheet HTML 12Page - Intersil Corporation ISL59311 Datasheet HTML 13Page - Intersil Corporation ISL59311 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FN6372.2
April 4, 2007
Operational Description and Application
Information
Introduction
The ISL59311 is designed to differentially drive composite
RGB video signals onto twisted pair lines, while
simultaneously encoding horizontal and vertical sync signals
as common mode output. The entire video signal plus sync
can therefore be transmitted on 3 twisted pairs of wire. When
utilizing CAT-5 cable, the 4th available twisted pair can be
used for transmission of audio, data or control information.
The distribution of composite video over standard CAT-5
cable enables enormous cost and labor savings compared
with traditional coaxial cable, when considering both the
relative low price and ease of pulling CAT-5 cable.
The digital block of the chip is a data transceiver which is
intended to drive one twisted pair line. The maximum
baudrate for this block is 50Mbps.
Functional Description
The ISL59311 provides three fully differential high-speed
amplifiers, suitable for driving high-resolution composite
video signals onto twisted pair or standard coaxial cable.
The input common-mode range extends to the negative rail,
allowing simple ground-referenced input termination to be
used with a single supply. The amplifiers provide a fixed gain
of +2 to compensate for standard video cable termination
schemes. Horizontal and Vertical sync signals (HSYNC and
VSYNC) are passed to an internal Logic Encoding Block to
encode the sync information as three discrete signals of
different voltage levels. Generally, in differential amplifiers an
external VREF pin is used to control the common mode level
of the differential output; in the case of the ISL59311 the
VREF of each of the three internal amplifier channels
receives a signal from the Logic Encoding Block with
encoded HSYNC and VSYNC information. The final output
consists of three fully differential video signals, with sync
encoded on the common mode of each of the three RGB
differential signals. HSYNC and VSYNC can easily be
separated from the differential output signals, decoded and
transmitted along with the RGB video signals to the video
monitor.
Sync Transmission
The ISL59311 encodes HSYNC and VSYNC signals on the
common mode output of the differential video signals; Red,
Green and Blue respectively. Data Sheet Table 1 shows the
common mode levels for the different SYNC input
combinations. Note that the sum of the common mode
voltages results in a fixed average DC level with no AC
content. This dramatically reduces EMI radiation into any
common mode signal along the twisted pairs of CAT 5 cable.
Extract Common Mode Sync and Decode HSYNC
and VSYNC
HSYNC and VSYNC can be regenerated from the Common
Mode sync output voltages. The relationships between
HSYNC, VSYNC and the 3 common mode levels are given by
Table 1. The common mode levels are easily separated from
the differential outputs of the ISL59311 using this simple
resistor network at the cable receiver input of each
differential channel; see Figure 20.
FIGURE 17. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 18. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD - QFN EXPOSED
DIEPAD SOLDERED TO PCB PER JESD51-5
3
2.5
2
1.5
1
0.5
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
2.857W
125
85
JEDEC JESD51-3 AND SEMI G42-88
(SINGLE LAYER) TEST BOARD
0.8
0.7
0.5
0.3
0.2
0.1
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
0.6
0.4
758mW
TABLE 1. SYNC SIGNAL ENCODING
HSYNC
VSYNC
COMMON
MODE A
(RED)
COMMON
MODE B
(GREEN)
COMMON
MODE C
(BLUE)
Low
High
3.0
2.0
2.5
Low
Low
2.5
3.0
2.0
High
Low
2.0
3.0
2.5
High
High
2.5
2.0
3.0
ISL59311


유사한 부품 번호 - ISL59311

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59311 INTERSIL-ISL59311 Datasheet
388Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
ISL59311 INTERSIL-ISL59311 Datasheet
391Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
April 25, 2007
logo
Renesas Technology Corp
ISL59311 RENESAS-ISL59311 Datasheet
769Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
April 25, 2007
logo
Intersil Corporation
ISL59311IRZ INTERSIL-ISL59311IRZ Datasheet
388Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
ISL59311IRZ INTERSIL-ISL59311IRZ Datasheet
391Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
April 25, 2007
More results

유사한 설명 - ISL59311

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59311IRZ INTERSIL-ISL59311IRZ Datasheet
391Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
April 25, 2007
ISL59311_0704 INTERSIL-ISL59311_0704 Datasheet
388Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
logo
Renesas Technology Corp
ISL59311 RENESAS-ISL59311 Datasheet
769Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
April 25, 2007
logo
Analog Devices
AD8134 AD-AD8134 Datasheet
458Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
REV. A
AD8134 AD-AD8134_15 Datasheet
455Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
REV. A
AD8134 AD-AD8134_16 Datasheet
443Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
logo
Intersil Corporation
EL4543 INTERSIL-EL4543 Datasheet
844Kb / 16P
   Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
EL4543_0709 INTERSIL-EL4543_0709 Datasheet
538Kb / 18P
   Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
EL4543 INTERSIL-EL4543_07 Datasheet
525Kb / 17P
   Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
logo
Renesas Technology Corp
EL4543 RENESAS-EL4543 Datasheet
1,001Kb / 18P
   Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com