전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59311IRZ-T13 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 ISL59311IRZ-T13
상세설명  Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59311IRZ-T13 데이터시트(HTML) 6 Page - Intersil Corporation

Back Button ISL59311IRZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL59311IRZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL59311IRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL59311IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL59311IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL59311IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL59311IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL59311IRZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL59311IRZ-T13 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN6372.2
April 4, 2007
NOTES:
1. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless
otherwise specified.
2. VCCS current is equal to the VCCS voltage applied divided by the VCCS Input Impedance. Some additional current is consumed when SDATA is
driving high into the external load.
3. Applies to peak current. See “Typical Performance Curves” for more information.
4. Guaranteed by characterization but not tested.
System Logic Inputs DC Characteristics
VSYNC, HSYNC, TRANSMIT, AND DISABLE INPUT CHARACTERISTICS
Input High Voltage
VIH
2V
Input Low Voltage
VIL
0.8
V
VSYNC, HSYNC, Transmit Input Current
IIN
±1
±5
µA
Disable Pin Pull-down Resistance to GNDA
RDisable
500
k
Ω
SDATA INPUT CHARACTERISTICS (Transmit = VCCD)
Input High Voltage
VIH
0.7 VCCS
V
Input Low Voltage
VIL
0.3 VCCS
V
Input Current
IIN
±0.001
±1
µA
SDATA OUTPUT CHARACTERISTICS (Transmit = GND)
High Output Level
Sourcing 4mA to GND
4.5
4.7
V
Low Output Level
Sinking 4mA from VCCS
0.3
0.4
V
Short Circuit Output Current
Driving high, output tied to GND
20
mA
Driving low, output tied to VCCS
40
mA
Power Supply Characteristics
VCCA Operating Range
4.5
5.5
V
VCCA Supply Current (all 3 channels)
Operating (Disable = GND)
50
60
mA
Disabled (Disable = VCCA)2.3
3
mA
VCCD Operating Range
4.5
5.5
V
VCCD Supply Current
712
mA
VCCS Input Impedance
VCCS = 5V (Note 2)
4
5
6
k
Ω
Electrical Specifications
VCCA = VCCD = VCCS = +5V, GNDA = GNDD = 0V, TA = +25°C, VIN = 0V, RL = 200Ω, unless otherwise
specified. (Continued)
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
ISL59311


유사한 부품 번호 - ISL59311IRZ-T13

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59311IRZ-T13 INTERSIL-ISL59311IRZ-T13 Datasheet
388Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
ISL59311IRZ-T13 INTERSIL-ISL59311IRZ-T13 Datasheet
391Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
April 25, 2007
logo
Renesas Technology Corp
ISL59311IRZ-T13 RENESAS-ISL59311IRZ-T13 Datasheet
769Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
April 25, 2007
More results

유사한 설명 - ISL59311IRZ-T13

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59311IRZ INTERSIL-ISL59311IRZ Datasheet
391Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
April 25, 2007
ISL59311_0704 INTERSIL-ISL59311_0704 Datasheet
388Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
logo
Renesas Technology Corp
ISL59311 RENESAS-ISL59311 Datasheet
769Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
April 25, 2007
logo
Analog Devices
AD8134 AD-AD8134 Datasheet
458Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
REV. A
AD8134 AD-AD8134_15 Datasheet
455Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
REV. A
AD8134 AD-AD8134_16 Datasheet
443Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
logo
Intersil Corporation
EL4543 INTERSIL-EL4543 Datasheet
844Kb / 16P
   Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
EL4543_0709 INTERSIL-EL4543_0709 Datasheet
538Kb / 18P
   Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
EL4543 INTERSIL-EL4543_07 Datasheet
525Kb / 17P
   Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
logo
Renesas Technology Corp
EL4543 RENESAS-EL4543 Datasheet
1,001Kb / 18P
   Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com