전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54057 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 ISL54057
상세설명  Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54057 데이터시트(HTML) 5 Page - Intersil Corporation

  ISL54057 Datasheet HTML 1Page - Intersil Corporation ISL54057 Datasheet HTML 2Page - Intersil Corporation ISL54057 Datasheet HTML 3Page - Intersil Corporation ISL54057 Datasheet HTML 4Page - Intersil Corporation ISL54057 Datasheet HTML 5Page - Intersil Corporation ISL54057 Datasheet HTML 6Page - Intersil Corporation ISL54057 Datasheet HTML 7Page - Intersil Corporation ISL54057 Datasheet HTML 8Page - Intersil Corporation ISL54057 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
FN6379.0
September 29, 2006
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 1A. INHIBIT tON/tOFF MEASUREMENT POINTS
Repeat test for other switches. CL includes fixture and stray
capacitance.
FIGURE 1B. INHIBIT tON/tOFF TEST CIRCUIT
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 1C. ADDRESS tTRANS MEASUREMENT POINTS
Repeat test for other switches. CL includes fixture and stray
capacitance.
FIGURE 1D. ADDRESS tTRANS TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
50%
tr < 5ns
tf < 5ns
tON
V+
0V
tOFF
LOGIC
INPUT
SWITCH
OUTPUT
90%
0V
90%
VOUT
VA0, VB0
V
OUT
V
(NO or NC)
R
L
R
L
R
ON
()
+
------------------------------
=
LOGIC
INPUT
VOUT
RL
COMA
A0, B0
INH
50
35pF
GND
A1,A2,B1,
CL
V+
ADD0-1
C
V+
C
B2,A3,B3
COMB
50%
tr < 5ns
tf < 5ns
tTRANS
90%
V+
VA3, VB3
0V
tTRANS
LOGIC
INPUT
SWITCH
OUTPUT
10%
VOUT
VA0, VB0
0V
V
OUT
V
(NO or NC)
R
L
R
L
R
ON
()
+
------------------------------
=
LOGIC
INPUT
VOUT
RL
COMA,
A0, B0
ADD0-1
50
35pF
GND
A1,A2,B1,
CL
V+
INH
C
V+
C
B2,A3,B3
COMB
ISL54057


유사한 부품 번호 - ISL54057

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54057 INTERSIL-ISL54057 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54057 RENESAS-ISL54057 Datasheet
513Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL54057IRUZ-T RENESAS-ISL54057IRUZ-T Datasheet
513Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
More results

유사한 설명 - ISL54057

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL43L841 RENESAS-ISL43L841 Datasheet
623Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782 RENESAS-ISL84782 Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L841 INTERSIL-ISL43L841 Datasheet
307Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL54057 RENESAS-ISL54057 Datasheet
513Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L841 INTERSIL-ISL43L841_14 Datasheet
323Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782IV INTERSIL-ISL84782IV Datasheet
358Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Differential 4 to 1 Analog Multiplexer
November 17, 2004
ISL84782 INTERSIL-ISL84782 Datasheet
356Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL43L840 INTERSIL-ISL43L840 Datasheet
334Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL54058 INTERSIL-ISL54058 Datasheet
249Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL43L840IV INTERSIL-ISL43L840IV Datasheet
348Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Dual 4 to 1 Analog Multiplexer
October 12, 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com