전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54058IRUZ-T 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL54058IRUZ-T
상세설명  Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54058IRUZ-T 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL54058IRUZ-T Datasheet HTML 1Page - Intersil Corporation ISL54058IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54058IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54058IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54058IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54058IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54058IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54058IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54058IRUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
FN6380.0
September 29, 2006
Pinouts (Note 1)
ISL54058
(16 LD
µTQFN)
TOP VIEW)
NOTE:
1. 2.6mmx1.8mmx0.5mm
A2
A0
V+
B2
ADDA1
GND
ADDB1
ADDB0
Truth Table
ISL54058
ADDA1
ADDA0
ADDB1
ADDB0
SWITCH ON
00
X
X
A0
01
X
X
A1
10
X
X
A2
11
X
X
A3
XX
0
0
B0
XX
0
1
B1
XX
1
0
B2
XX
1
1
B3
NOTE: Logic “0”
≤0.5V. Logic “1” ≥1.4V, with a 3V supply.
X = Don’t Care.
Pin Descriptions
PIN
FUNCTION
V+
System Power Supply Input (1.6V to 3.6V)
GND
Ground Connection
COMA
Analog Switch Channel A Output
COMB
Analog Switch Channel B Output
A0-A3
Analog Switch Channel A Input
B0-B3
Analog Switch Channel B Input
ADDAx
Address Input Pin
ADDBx
Address Input Pin
ISL54058


유사한 부품 번호 - ISL54058IRUZ-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54058IRUZ-T RENESAS-ISL54058IRUZ-T Datasheet
492Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL54058IRUZ-T INTERSIL-ISL54058IRUZ-T Datasheet
266Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage Single Supply, Dual 4 to 1 Analog Multiplexer
September 29, 2006
More results

유사한 설명 - ISL54058IRUZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43L840 INTERSIL-ISL43L840 Datasheet
334Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL54058 INTERSIL-ISL54058_14 Datasheet
266Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage Single Supply, Dual 4 to 1 Analog Multiplexer
September 29, 2006
logo
Renesas Technology Corp
ISL43L840 RENESAS-ISL43L840 Datasheet
572Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L840IV INTERSIL-ISL43L840IV Datasheet
348Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Dual 4 to 1 Analog Multiplexer
October 12, 2004
logo
Renesas Technology Corp
ISL54058 RENESAS-ISL54058 Datasheet
492Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL54057 INTERSIL-ISL54057 Datasheet
264Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL43L841 RENESAS-ISL43L841 Datasheet
623Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782 RENESAS-ISL84782 Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L841 INTERSIL-ISL43L841 Datasheet
307Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL54057 RENESAS-ISL54057 Datasheet
513Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com