전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

ISL28271 데이터시트(HTML) 2 Page - Intersil Corporation

부품명 ISL28271
상세내용  Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo 

ISL28271 데이터시트(HTML) 2 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
/ 14 page
 2 / 14 page
background image
2
FN6390.0
December 8, 2006
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
Supply Turn On Voltage Slew Rate . . . . . . . . . . . . . . . . . . . . . 1V/
μs
Input Current (IN, FB) ISL28272 . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Differential Input Voltage (IN, FB) ISL28272 . . . . . . . . . . . . . . . 0.5V
Input Current (IN, FB) ISL28271 . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Differential Input (IN, FB) Voltage ISL28271 . . . . . . . . . . . . . . . 1.0V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V
ESD tolerance, Human Body Model . . . . . . . . . . . . . . . . . . . . . . 3kV
ESD tolerance, Machine Model . . . . . . . . . . . . . . . . . . . . . . . . .300V
Thermal Resistance
θJA (°C/W)
16 Ld QSOP Package . . . . . . . . . . . . . . . . . . . . . . .
112
Output Short-Circuit Duration . . . . . . . . . . . . . . . . . . . . . . .Indefinite
Ambient Operating Temperature Range . . . . . . . . . -40°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . +125°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
V+ = +5V, V- = GND, VFB+ = 1/2V+, TA = +25°C, unless otherwise specified. Boldface limits apply over the
operating temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Input Offset Voltage
ISL28271
-600
-1200
±35
600
1200
µV
ISL28272
-500
-750
±
35
500
750
µV
TCVOS
Input Offset Voltage Temperature
Coefficient -40°C to +125°C
0.7
µV/°C
IOS
Input Offset Current between IN+ and
IN-, and between FB+ and FB-
See graphs for extended temperature range
-40°C to +85°C
-30
-80
±5
30
80
pA
IB
Input Bias Current (IN+, IN-, FB+, and
FB- terminals)
See graphs for extended temperature range
-40°C to +85°C
-30
-80
±10
30
80
pA
eN
Input Noise Voltage
ISL28271
f = 0.1Hz to 10Hz
10
µVP-P
ISL28272
6
µVP-P
Input Noise Voltage Density
ISL28271
fo = 1kHz
240
nV/
√Hz
ISL28272
78
nV/
√Hz
iN
Input Noise Current Density
ISL28271
fo = 1kHz
0.92
pA/
√Hz
ISL28272
0.2
pA/
√Hz
RIN
Input Resistance
1G
Ω
VIN
Input Voltage Range
V+ = 2.4V to 5.0V
0
V+
V
CMRR
Common Mode Rejection Ratio
ISL28271
VCM = 0V to 5V
80
70
100
dB
ISL28272
80
75
100
dB
PSRR
Power Supply Rejection Ratio
V+ = 2.4V to 5V
80
75
100
dB
EG
Gain Error
ISL28271
RL = 100kΩ to 2.5V
+0.081
%
ISL28272
-0.19
ISL28271, ISL28272


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn