전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL14010 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL14010
상세설명  Low Jitter Clock Generators for Set-Top Box
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL14010 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL14010 Datasheet HTML 1Page - Intersil Corporation ISL14010 Datasheet HTML 2Page - Intersil Corporation ISL14010 Datasheet HTML 3Page - Intersil Corporation ISL14010 Datasheet HTML 4Page - Intersil Corporation ISL14010 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
FN6407.1
April 16, 2007
Functional Block Diagram
CLK1
CLK2
CLK3
CLK4
OSC.
PHASE FREQ DET.
M1
VCO1
N1
PHASE FREQ DET.
M2
VCO2
N2
30MHz
CRYSTAL
Pin Description
16 LD QFN
SYMBOLS
PIN DESCRIPTION
1,14,16
VCC
Supply Voltage
2
X1
The X1 pin is the terminal 1 of an external 30MHz crystal. This pin is grounded for external CK input.
3
X2
The X2 pin is the terminal 2 of external 30MHz crystal, or external clock input.
4, 5, 7
GND
Ground
8
CLK1
CLK1 Output: 25MHz
10
CLK2
CLK2 Output: 30MHz
11
CLK3
CLK3 Output: 48MHz (40MHz for ISL14017)
13
CLK4
CLK4 Output: 54MHz (50MHz for ISL14017)
6, 9, 12, 15
NC
No Connect
ISL14010, ISL14017


유사한 부품 번호 - ISL14010

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL14010 RENESAS-ISL14010 Datasheet
391Kb / 5P
   Low Jitter Clock Generators for Set-Top Box
Apr 16, 2007
ISL14010IRZ RENESAS-ISL14010IRZ Datasheet
391Kb / 5P
   Low Jitter Clock Generators for Set-Top Box
Apr 16, 2007
More results

유사한 설명 - ISL14010

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL14011 RENESAS-ISL14011 Datasheet
383Kb / 5P
   Low Jitter Clock Generators for Set-Top Box
Jan 30, 2007
logo
Intersil Corporation
ISL14011 INTERSIL-ISL14011 Datasheet
117Kb / 5P
   Low Jitter Clock Generators for Set-Top Box
logo
Renesas Technology Corp
ISL14010 RENESAS-ISL14010 Datasheet
391Kb / 5P
   Low Jitter Clock Generators for Set-Top Box
Apr 16, 2007
logo
Integrated Circuit Syst...
ICS615 ICST-ICS615 Datasheet
57Kb / 4P
   Set-Top Box Clock Source
logo
Cypress Semiconductor
CY24713 CYPRESS-CY24713 Datasheet
149Kb / 6P
   Set-top Box Clock Generator with VCXO
logo
STMicroelectronics
EVL6566B-40WSTB STMICROELECTRONICS-EVL6566B-40WSTB Datasheet
288Kb / 5P
   Set-top box
STI5517 STMICROELECTRONICS-STI5517 Datasheet
95Kb / 3P
   Low-cost set-top box decoder
logo
Faraday Technology
AH1013 FARADAY-AH1013 Datasheet
72Kb / 2P
   SET-TOP BOX FILTERS
logo
STMicroelectronics
STI5107 STMICROELECTRONICS-STI5107 Datasheet
274Kb / 14P
   Low-cost interactive set-top box decoder
STM5105 STMICROELECTRONICS-STM5105 Datasheet
110Kb / 3P
   Low-cost interactive set-top box decoder
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com