전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54208IRUZ-T 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 ISL54208IRUZ-T
상세설명  Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54208IRUZ-T 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button ISL54208IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54208IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54208IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54208IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54208IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54208IRUZ-T Datasheet HTML 10Page - Intersil Corporation ISL54208IRUZ-T Datasheet HTML 11Page - Intersil Corporation ISL54208IRUZ-T Datasheet HTML 12Page - Intersil Corporation ISL54208IRUZ-T Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FN6410.0
December 18, 2006
audio/video playback are intended to be mutually exclusive
operations.
NC1 and NC2 Audio/Video Switches
The two NC (normally closed) audio/video switches (NC1,
NC2) are 3
Ω switches that can pass signals that swing
below ground by as much as 1.5V. They were designed to
pass ground reference audio signals and dc restored
composite base-band signals (CVBS) including negative
synchronizing pulse with minimal insertion loss and very low
distortion and degradation.
The -3dB bandwidth into 75
Ω is 338MHz (Figure 17).
Crosstalk between NC1 and NC2 @ 4MHz is -78dB
(Figure 16) which allows composite video to be routed
through one switch and mono-audio through the other switch
with little interference.
The recommended maximum signal range is from -1.5V to
1.5V. You can apply positive signals greater than 1.5V but
the rON resistance of the switch increases rapidly above
1.5V. The signal should not be allowed to exceed the VDD
rail or swing more negative than -1.5V.
Over a signal range of ±1V (0.707Vrms) with VDD >2.7V,
these switches have an extremely low rON resistance
variation. They can pass a ground referenced audio signal
with very low distortion (<0.06% THD+N) when delivering
15.6mW into a 32
Ω headphone speaker load. See Figures
10, 11, 12, and 13 THD+N performance curves.
Figures 8 and 9 shows the vector scope plots of a standard
NTSC color bar signal at both the input (Figure 8) and output
(Figure 9) of the ISL54208. The plots show that except for a
little attentuation, due to switch RON and test fixture cabling,
there is virtually no degradation of the video waveform
through the switch.
Figure 18 shows the differential gain (DG) and differential
phase (DP) plots at the output of the switch using an actual
NTSC composite video signal and a VM700A Video
Measurement Test Set. DG = 0.28% and DP = 0.04deg.
The NC switches are uni-directional switches. The
audio/video sources should be connected at the NC side of
the switch (pins 7 and 8) and the speaker load and video
receiver should be connected at the COM side of the switch
(pins 3 and 4).
The NC switches are active (turned ON) whenever the IN
voltage is to 0.5V and the CTRL voltage to 1.4V.
Note: Whenever the NC switches are ON the USB
transceiver drivers need to be in the high impedance state or
static high or low state.
NO1 and NO2 USB Switches
The two NO (normally open) USB switches (NO1, NO2) are
5
Ω bidirectional switches that were designed to pass high-
speed USB differential signals in the range of ±0V to 400mV.
These switches have low capacitance and high bandwidth to
pass USB high-speed signals (480Mbps) with minimum
edge and phase distortion to meet high-speed USB 2.0 high-
speed signal quality specifications. See Figure 14 for High-
speed Eye Pattern taken with switch in the signal path.
The maximum signal range for the USB switches is from
-1.5V to VDD. The signal voltage at NO1 and NO2 should
not be allow to exceed the VDD voltage rail or go below
ground by more than -1.5V.
The NO switches are active (turned ON) whenever the IN
voltage is to 1.4V.
Note: Whenever the NO switches are ON the audio and
video drivers need to be at ac or dc ground or floating to
keep from interfering with the data transmission.
FIGURE 8. VECTOR-SCOPE PLOT BEFORE SWITCH
FIGURE 9. VECTOR-SCOPE PLOT AFTER SWITCH
ISL54208


유사한 부품 번호 - ISL54208IRUZ-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54208IRUZ-T RENESAS-ISL54208IRUZ-T Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
More results

유사한 설명 - ISL54208IRUZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54207 INTERSIL-ISL54207 Datasheet
468Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Renesas Technology Corp
ISL54207 RENESAS-ISL54207 Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54208 RENESAS-ISL54208 Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54415 RENESAS-ISL54415 Datasheet
871Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54416 INTERSIL-ISL54416 Datasheet
490Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches with Negative Signal Capability
logo
Renesas Technology Corp
ISL54400 RENESAS-ISL54400 Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54400 INTERSIL-ISL54400 Datasheet
466Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com