전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59442IB-T13 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL59442IB-T13
상세설명  1GHz, 4 x 1 Multiplexing Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59442IB-T13 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL59442IB-T13 Datasheet HTML 1Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 2Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 3Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 4Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 5Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 6Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 7Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 8Page - Intersil Corporation ISL59442IB-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN7452.4
January 5, 2007
FIGURE 3. LARGE SIGNAL GAIN vs FREQUENCY vs CL
FIGURE 4. LARGE SIGNAL GAIN vs FREQUENCY vs RL
FIGURE 5. SMALL SIGNAL 0.1dB GAIN vs FREQUENCY vs CL
FIGURE 6. SMALL SIGNAL 0.1dB GAIN vs FREQUENCY vs RL
FIGURE 7. LARGE SIGNAL 0.1dB GAIN vs FREQUENCY vs CL
FIGURE 8. LARGE SIGNAL 0.1dB GAIN vs FREQUENCY vs RL
Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = +25°C, unless otherwise specified. (Continued)
0.001
0.01
0.1
1 1.5
FREQUENCY (GHz)
CL = 11.6pF
CL = 16.6pF
CL INCLUDES 1.6pF
BOARD CAPACITANCE
CL = 28.6pF
-5
-4
-3
-2
-1
0
1
2
3
4
5
VOUT = 2VP-P
RS = 25Ω
CL = 23.6pF
0.001
0.01
0.1
1 1.5
-5
-4
-3
-2
-1
0
1
2
3
4
5
FREQUENCY (GHz)
RL = 1kΩ
RL = 150Ω
RL = 500Ω
VOUT = 2VP-P
CL = 23.6pF
RS = 25Ω
RL = 75Ω
0.001
0.01
0.1
1 1.5
FREQUENCY (GHz)
CL = 1.6pF
CL = 5.5pF
CL INCLUDES 1.6pF
BOARD CAPACITANCE
CL = 9.7pF
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
VOUT = 200mVP-P
CL = 7.2pF
0.001
0.01
0.1
1 1.5
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
FREQUENCY (GHz)
RL = 1kΩ
RL = 150Ω
RL = 75Ω
VOUT = 200mVP-P
CL = 1.6pF
RL = 500Ω
0.001
0.01
0.1
1 1.5
FREQUENCY (GHz)
CL INCLUDES 1.6pF
BOARD CAPACITANCE
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
VOUT = 2VP-P
RS = 25Ω
CL = 23.6pF
CL = 11.6pF
CL = 16.6pF
CL = 28.6pF
0.001
0.01
0.1
1 1.5
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
FREQUENCY (GHz)
RL = 1kΩ
RL = 500Ω
RL = 75Ω
VOUT = 2VP-P
CL = 23.6pF
RS = 25Ω
RL = 150Ω
ISL59442


유사한 부품 번호 - ISL59442IB-T13

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59442IB-T13 INTERSIL-ISL59442IB-T13 Datasheet
560Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59442IB-T13 RENESAS-ISL59442IB-T13 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
More results

유사한 설명 - ISL59442IB-T13

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL59442 RENESAS-ISL59442 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Intersil Corporation
ISL59442 INTERSIL-ISL59442 Datasheet
560Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
ISL59444 INTERSIL-ISL59444 Datasheet
579Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier with Synchronous Controls
logo
Renesas Technology Corp
ISL59444 RENESAS-ISL59444 Datasheet
770Kb / 13P
   1GHz, 4x1 Multiplexing Amplifier with Synchronous Controls
logo
Intersil Corporation
ISL59424 INTERSIL-ISL59424 Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Intersil Corporation
ISL59446 INTERSIL-ISL59446 Datasheet
766Kb / 13P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com