전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59442IBZ 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL59442IBZ
상세설명  1GHz, 4 x 1 Multiplexing Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59442IBZ 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL59442IBZ Datasheet HTML 3Page - Intersil Corporation ISL59442IBZ Datasheet HTML 4Page - Intersil Corporation ISL59442IBZ Datasheet HTML 5Page - Intersil Corporation ISL59442IBZ Datasheet HTML 6Page - Intersil Corporation ISL59442IBZ Datasheet HTML 7Page - Intersil Corporation ISL59442IBZ Datasheet HTML 8Page - Intersil Corporation ISL59442IBZ Datasheet HTML 9Page - Intersil Corporation ISL59442IBZ Datasheet HTML 10Page - Intersil Corporation ISL59442IBZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN7452.4
January 5, 2007
ISL59442
Small Outline Package Family (SO)
GAUGE
PLANE
A2
A1
L
L1
DETAIL X
4° ±4°
SEATING
PLANE
e
H
b
C
0.010
B
M
CA
0.004 C
0.010
B
M
CA
B
D
(N/2)
1
E1
E
N
N
(N/2)+1
A
PIN #1
I.D. MARK
h X 45°
A
SEE DETAIL “X”
c
0.010
MDP0027
SMALL OUTLINE PACKAGE FAMILY (SO)
SYMBOL
SO-8
SO-14
SO16
(0.150”)
SO16 (0.300”)
(SOL-16)
SO20
(SOL-20)
SO24
(SOL-24)
SO28
(SOL-28)
TOLERANCE
NOTES
A
0.068
0.068
0.068
0.104
0.104
0.104
0.104
MAX
-
A1
0.006
0.006
0.006
0.007
0.007
0.007
0.007
±0.003
-
A2
0.057
0.057
0.057
0.092
0.092
0.092
0.092
±0.002
-
b
0.017
0.017
0.017
0.017
0.017
0.017
0.017
±0.003
-
c
0.009
0.009
0.009
0.011
0.011
0.011
0.011
±0.001
-
D
0.193
0.341
0.390
0.406
0.504
0.606
0.704
±0.004
1, 3
E
0.236
0.236
0.236
0.406
0.406
0.406
0.406
±0.008
-
E1
0.154
0.154
0.154
0.295
0.295
0.295
0.295
±0.004
2, 3
e
0.050
0.050
0.050
0.050
0.050
0.050
0.050
Basic
-
L
0.025
0.025
0.025
0.030
0.030
0.030
0.030
±0.009
-
L1
0.041
0.041
0.041
0.056
0.056
0.056
0.056
Basic
-
h
0.013
0.013
0.013
0.020
0.020
0.020
0.020
Reference
-
N
8
14
16
16
20
24
28
Reference
-
Rev. L 2/01
NOTES:
1. Plastic or metal protrusions of 0.006” maximum per side are not included.
2. Plastic interlead protrusions of 0.010” maximum per side are not included.
3. Dimensions “D” and “E1” are measured at Datum Plane “H”.
4. Dimensioning and tolerancing per ASME Y14.5M-1994


유사한 부품 번호 - ISL59442IBZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59442IBZ INTERSIL-ISL59442IBZ Datasheet
560Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59442IBZ RENESAS-ISL59442IBZ Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Intersil Corporation
ISL59442IBZ-T13 INTERSIL-ISL59442IBZ-T13 Datasheet
560Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59442IBZ-T13 RENESAS-ISL59442IBZ-T13 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Intersil Corporation
ISL59442IBZ-T7 INTERSIL-ISL59442IBZ-T7 Datasheet
560Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
More results

유사한 설명 - ISL59442IBZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL59442 RENESAS-ISL59442 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Intersil Corporation
ISL59442 INTERSIL-ISL59442 Datasheet
560Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
ISL59444 INTERSIL-ISL59444 Datasheet
579Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier with Synchronous Controls
logo
Renesas Technology Corp
ISL59444 RENESAS-ISL59444 Datasheet
770Kb / 13P
   1GHz, 4x1 Multiplexing Amplifier with Synchronous Controls
logo
Intersil Corporation
ISL59424 INTERSIL-ISL59424 Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Intersil Corporation
ISL59446 INTERSIL-ISL59446 Datasheet
766Kb / 13P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com