전자부품 데이터시트 검색엔진 |
|
SI330M35 데이터시트(PDF) 2 Page - NTE Electronics |
|
SI330M35 데이터시트(HTML) 2 Page - NTE Electronics |
2 / 2 page SNAP–IN MOUNT ALUMINUM ELECTROLYTIC SI SERIES 13 NTE Electronics, Inc. D Voice (800) 631–1250 (973) 748–5089 D FAX (973) 748–6224 D http://www.nteinc.com SI Series Dimensions: Diameter (D Ø) x Length (L): mm WV Cap ( µf) 16 25 35 50 63 80 100 160 200 250 450 47 22 x 30 56 22 x 25 68 22 x 50 82 22 x 30 100 22 x 20 25 x 20 22 x 35 120 22 x 40 150 22 x 25 22 x 30 22 x 50 180 25 x 45 220 22 x 20 22 x 30 22 x 40 25 x 50 270 22 x 25 30 x 45 330 22 x 25 22 x 30 22 x 35 30 x 50 390 22 x 30 35 x 45 470 22 x 30 22 x 35 22 x 45 35 x 50 560 25 x 40 22 x 40 25 x 45 35 x 60 680 22 x 40 22 x 45 30 x 50 35 x 70 820 22 x 45 25 x 45 30 x 45 1000 22 x 30 22 x 20 22 x 30 22 x 40 25 x 45 25 x 50 30 x 50 1500 22 x 40 22 x 50 30 x 50 2200 22 x 25 22 x 25 22 x 30 22 x 40 22 x 50 22 x 50 2700 20 x 30 22 x 45 3300 22 x 20 22 x 25 22 x 30 22 x 40 22 x 50 25 x 50 25 x 50 3900 20 x 30 20 x 40 25 x 45 4700 22 x 25 22 x 30 22 x 40 22 x 50 22 x 50 25 x 35 30 x 50 5600 20 x 30 25 x 35 30 x 45 35 x 45 6800 22 x 30 22 x 40 22 x 50 25 x 50 25 x 50 30 x 50 8200 22 x 30 25 x 45 35 x 50 10000 20 x 35 22 x 50 25 x 50 30 x 50 35 x 40 35 x 70 12000 30 x 45 35 x 50 15000 22 x 50 25 x 50 30 x 50 18000 35 x 45 22000 22 x 45 30 x 50 30 x 50 33000 25 x 50 * These dimensions are for reference only, please consult the factory for actual size. |
유사한 부품 번호 - SI330M35 |
|
유사한 설명 - SI330M35 |