전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL1208IU8 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL1208IU8
상세설명  Low Power RTC with Battery Backed SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1208IU8 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL1208IU8 Datasheet HTML 1Page - Intersil Corporation ISL1208IU8 Datasheet HTML 2Page - Intersil Corporation ISL1208IU8 Datasheet HTML 3Page - Intersil Corporation ISL1208IU8 Datasheet HTML 4Page - Intersil Corporation ISL1208IU8 Datasheet HTML 5Page - Intersil Corporation ISL1208IU8 Datasheet HTML 6Page - Intersil Corporation ISL1208IU8 Datasheet HTML 7Page - Intersil Corporation ISL1208IU8 Datasheet HTML 8Page - Intersil Corporation ISL1208IU8 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
FN8085.5
August 23, 2006
Block Diagram
I2C
INTERFACE
RTC
CONTROL
LOGIC
ALARM
FREQUENCY
OUT
RTC
DIVIDER
SDA
BUFFER
CRYSTAL
OSCILLATOR
POR
SWITCH
SCL
BUFFER
SDA
SCL
X1
X2
VDD
VBAT
IRQ/
FOUT
INTERNAL
SUPPLY
VTRIP
Seconds
Minutes
Hours
Day of Week
Date
Month
Year
USER
SRAM
CONTROL
REGISTERS
Pin Descriptions
PIN
NUMBER SYMBOL
DESCRIPTION
1
X1
The X1 pin is the input of an inverting amplifier and is intended to be connected to one pin of an external 32.768kHz quartz
crystal. X1 can also be driven directly from a 32.768kHz source.
2
X2
The X2 pin is the output of an inverting amplifier and is intended to be connected to one pin of an external 32.768kHz quartz
crystal.
3VBAT
This input provides a backup supply voltage to the device. VBAT supplies power to the device in the event that the VDD supply
fails. This pin should be tied to ground if not used.
4
GND
Ground.
5
SDA
Serial Data (SDA) is a bidirectional pin used to transfer serial data into and out of the device. It has an open drain output and
may be wire OR’ed with other open drain or open collector outputs.
6
SCL
The Serial Clock (SCL) input is used to clock all serial data into and out of the device.
7IRQ/FOU
T
Interrupt Output/Frequency Output is a multi-functional pin that can be used as interrupt or frequency output pin. The function
is set via the configuration register.
8VDD
Power supply.
ISL1208


유사한 부품 번호 - ISL1208IU8

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL1208IU8 INTERSIL-ISL1208IU8 Datasheet
393Kb / 21P
   I2C Real Time Clock/Calendar
ISL1208IU8 INTERSIL-ISL1208IU8 Datasheet
406Kb / 24P
   Low Power RTC with Battery Backed SRAM
logo
Renesas Technology Corp
ISL1208IU8 RENESAS-ISL1208IU8 Datasheet
1,010Kb / 24P
   I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
logo
Intersil Corporation
ISL1208IU8-TK INTERSIL-ISL1208IU8-TK Datasheet
393Kb / 21P
   I2C Real Time Clock/Calendar
ISL1208IU8-TK INTERSIL-ISL1208IU8-TK Datasheet
406Kb / 24P
   Low Power RTC with Battery Backed SRAM
More results

유사한 설명 - ISL1208IU8

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL1218 INTERSIL-ISL1218 Datasheet
351Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208IRT8Z INTERSIL-ISL1208IRT8Z Datasheet
406Kb / 24P
   Low Power RTC with Battery Backed SRAM
logo
Renesas Technology Corp
ISL1218 RENESAS-ISL1218 Datasheet
883Kb / 21P
   Low Power RTC with Battery Backed SRAM
logo
Intersil Corporation
ISL12022MR5421 INTERSIL-ISL12022MR5421 Datasheet
401Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 5ppm
ISL1221 INTERSIL-ISL1221 Datasheet
649Kb / 24P
   Low Power RTC with Battery Backed
ISL1209 INTERSIL-ISL1209 Datasheet
416Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1219 INTERSIL-ISL1219 Datasheet
643Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209 INTERSIL-ISL1209_06 Datasheet
358Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Renesas Technology Corp
ISL1219 RENESAS-ISL1219 Datasheet
994Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209 RENESAS-ISL1209 Datasheet
998Kb / 25P
   Low Power RTC with Battery Backed SRAM and Event Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com