전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7416PBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRF7416PBF
상세설명  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7416PBF 데이터시트(HTML) 2 Page - International Rectifier

  IRF7416PBF Datasheet HTML 1Page - International Rectifier IRF7416PBF Datasheet HTML 2Page - International Rectifier IRF7416PBF Datasheet HTML 3Page - International Rectifier IRF7416PBF Datasheet HTML 4Page - International Rectifier IRF7416PBF Datasheet HTML 5Page - International Rectifier IRF7416PBF Datasheet HTML 6Page - International Rectifier IRF7416PBF Datasheet HTML 7Page - International Rectifier IRF7416PBF Datasheet HTML 8Page - International Rectifier IRF7416PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF7416PbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode) 
p-n junction diode.
VSD
Diode Forward Voltage
––– ––– -1.0
V
TJ = 25°C, IS = -5.6A, VGS = 0V ƒ
trr
Reverse Recovery Time
–––
56
85
ns
TJ = 25°C, IF = -5.6A
Qrr
Reverse RecoveryCharge
–––
99
150
nC
di/dt = 100A/µs ƒ
Source-Drain Ratings and Characteristics
A
––– –––
-45
––– ––– -3.1
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-30 ––– –––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– -0.024 ––– V/°C Reference to 25°C, ID = -1mA
––– ––– 0.020
VGS = -10V, ID = -5.6A „
––– ––– 0.035
VGS = -4.5V, ID = -2.8A „
VGS(th)
Gate Threshold Voltage
-1.0 ––– –––
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
5.6 ––– –––
S
VDS = -10V, ID = -2.8A
––– ––– -1.0
VDS = -24V, VGS = 0V
––– ––– -25
VDS = -24V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
––– ––– -100
VGS = -20V
Gate-to-Source Reverse Leakage
––– ––– 100
VGS = 20V
Qg
Total Gate Charge
–––
61
92
ID = -5.6A
Qgs
Gate-to-Source Charge
––– 8.0
12
nC
VDS = -24V
Qgd
Gate-to-Drain ("Miller") Charge
–––
22
32
VGS = -10V, See Fig. 6 and 9 „
td(on)
Turn-On Delay Time
–––
18
–––
VDD = -15V
tr
Rise Time
–––
49
–––
ID = -5.6A
td(off)
Turn-Off Delay Time
–––
59
–––
RG = 6.2Ω
tf
Fall Time
–––
60
–––
RD = 2.7Ω, See Fig. 10 „
Ciss
Input Capacitance
––– 1700 –––
VGS = 0V
Coss
Output Capacitance
––– 890 –––
pF
VDS = -25V
Crss
Reverse Transfer Capacitance
––– 410 –––
ƒ = 1.0MHz, See Fig. 5
µA
nA
ns
IGSS
IDSS
Drain-to-Source Leakage Current
RDS(on)
Static Drain-to-Source On-Resistance
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
S
D
G
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ I
SD ≤ -5.6A, di/dt ≤ 100A/µs, V
DD ≤ V(BR)DSS,
TJ ≤ 150°C
‚ Starting TJ = 25°C, L = 25mH
RG = 25Ω, IAS = -5.6A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Surface mounted on FR-4 board, t ≤ 10sec.


유사한 부품 번호 - IRF7416PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7416PBF IRF-IRF7416PBF Datasheet
242Kb / 9P
   GENERATION V TECHNOLOGY
IRF7416PBF-1 IRF-IRF7416PBF-1 Datasheet
234Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7416PBF-1 IRF-IRF7416PBF-1_15 Datasheet
234Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7416PBF IRF-IRF7416PBF_15 Datasheet
242Kb / 9P
   GENERATION V TECHNOLOGY
More results

유사한 설명 - IRF7416PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com