전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP27N60KPBF 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRFP27N60KPBF
상세설명  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP27N60KPBF 데이터시트(HTML) 3 Page - International Rectifier

  IRFP27N60KPBF Datasheet HTML 1Page - International Rectifier IRFP27N60KPBF Datasheet HTML 2Page - International Rectifier IRFP27N60KPBF Datasheet HTML 3Page - International Rectifier IRFP27N60KPBF Datasheet HTML 4Page - International Rectifier IRFP27N60KPBF Datasheet HTML 5Page - International Rectifier IRFP27N60KPBF Datasheet HTML 6Page - International Rectifier IRFP27N60KPBF Datasheet HTML 7Page - International Rectifier IRFP27N60KPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRFP27N60KPbF
www.irf.com
3
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
5.0V
20µs PULSE WIDTH
Tj = 150°C
VGS
TOP
15V
12V
10V
8.0V
7.0V
6.0V
5.5V
BOTTOM 5.0V
5.0
7.0
9.0
11.0
13.0
15.0
VGS, Gate-to-Source Voltage (V)
0.01
0.10
1.00
10.00
100.00
1000.00
TJ = 25°C
TJ = 150°C
VDS = 100V
20µs PULSE WIDTH
-60
-40
-20
0
20
40
60
80
100
120
140
160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T , Junction Temperature
( C)
J
°
V
=
I
=
GS
D
10V
28A
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.001
0.01
0.1
1
10
100
1000
5.0V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
15V
12V
10V
8.0V
7.0V
6.0V
5.5V
BOTTOM 5.0V


유사한 부품 번호 - IRFP27N60KPBF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFP27N60KPBF VISHAY-IRFP27N60KPBF Datasheet
156Kb / 8P
   Power MOSFET
S-Pending-Rev. B, 12-Jun-08
IRFP27N60KPBF VISHAY-IRFP27N60KPBF Datasheet
214Kb / 11P
   Power MOSFET
09-Jul-2021
More results

유사한 설명 - IRFP27N60KPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com