전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP460NPBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRFP460NPBF
상세설명  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP460NPBF 데이터시트(HTML) 2 Page - International Rectifier

  IRFP460NPBF Datasheet HTML 1Page - International Rectifier IRFP460NPBF Datasheet HTML 2Page - International Rectifier IRFP460NPBF Datasheet HTML 3Page - International Rectifier IRFP460NPBF Datasheet HTML 4Page - International Rectifier IRFP460NPBF Datasheet HTML 5Page - International Rectifier IRFP460NPBF Datasheet HTML 6Page - International Rectifier IRFP460NPBF Datasheet HTML 7Page - International Rectifier IRFP460NPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFP460NPbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
10
––– –––
S
VDS = 50V, ID = 12A
Qg
Total Gate Charge
–––
–––
124
ID = 20A
Qgs
Gate-to-Source Charge
–––
–––
40
nC
VDS = 400V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
57
VGS = 10V, See Fig. 6 and 13
td(on)
Turn-On Delay Time
–––
23
–––
VDD = 250V
tr
Rise Time
–––
87
–––
ID = 20A
td(off)
Turn-Off Delay Time
–––
34
–––
RG = 4.3Ω
tf
Fall Time
–––
33
–––
RD = 13Ω,See Fig. 10
Ciss
Input Capacitance
–––
3540 –––
VGS = 0V
Coss
Output Capacitance
–––
350 –––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
30
–––
pF
ƒ = 1.0MHz, See Fig. 5
Coss
Output Capacitance
–––
3930 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
95
–––
VGS = 0V, VDS = 400V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
200 –––
VGS = 0V, VDS = 0V to 400V
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
–––
340
mJ
IAR
Avalanche Current
–––
20
A
EAR
Repetitive Avalanche Energy
–––
28
mJ
Avalanche Characteristics
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)
–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.8
V
TJ = 25°C, IS = 20A, VGS = 0V
trr
Reverse Recovery Time
–––
550 825
ns
TJ = 25°C, IF = 20A
Qrr
Reverse RecoveryCharge
–––
7.2 10.8
µC
di/dt = 100A/µs
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Diode Characteristics
20
80
A
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.45
RθCS
Case-to-Sink, Flat, Greased Surface
0.24
–––
°C/W
RθJA
Junction-to-Ambient
–––
40
Thermal Resistance
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
500
––– –––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.58
–––
V/°C Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.24
VGS = 10V, ID = 12A
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
VDS = VGS, ID = 250µA
–––
–––
25
µA
VDS = 500V, VGS = 0V
–––
––– 250
VDS = 400V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
––– 100
VGS = 30V
Gate-to-Source Reverse Leakage
–––
––– -100
nA
VGS = -30V
IGSS
IDSS
Drain-to-Source Leakage Current


유사한 부품 번호 - IRFP460NPBF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFP460NPBF VISHAY-IRFP460NPBF Datasheet
162Kb / 8P
   Power MOSFET
S-Pending-Rev. B, 23-Jul-08
More results

유사한 설명 - IRFP460NPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com