전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP460NPBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRFP460NPBF
상세설명  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP460NPBF 데이터시트(HTML) 1 Page - International Rectifier

  IRFP460NPBF Datasheet HTML 1Page - International Rectifier IRFP460NPBF Datasheet HTML 2Page - International Rectifier IRFP460NPBF Datasheet HTML 3Page - International Rectifier IRFP460NPBF Datasheet HTML 4Page - International Rectifier IRFP460NPBF Datasheet HTML 5Page - International Rectifier IRFP460NPBF Datasheet HTML 6Page - International Rectifier IRFP460NPBF Datasheet HTML 7Page - International Rectifier IRFP460NPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
11/3/03
IRFP460NPbF
SMPS MOSFET
HEXFET® Power MOSFET
Switch Mode Power Supply ( SMPS )
Uninterruptable Power Supply
High speed power switching
Switch Mode Power Supply ( SMPS )
Lead-Free
Benefits
Applications
Low Gate Charge Qg results in Simple
Drive Requirement
Improved Gate, Avalanche and dynamic
dv/dt Ruggedness
Fully Characterized Capacitance and
Avalanche Voltage and Current
Effective Coss specified ( See AN1001)
VDSS
Rds(on) max
ID
500V
0.24
20A
Typical SMPS Topologies:
Full Bridge
PFC Boost
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
20
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
13
A
IDM
Pulsed Drain Current
80
PD @TC = 25°C
Power Dissipation
280
W
Linear Derating Factor
2.2
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
5.0
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torqe, 6-32 or M3 screw
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Notes
through
are on page 8
TO-247AC
PD-94809


유사한 부품 번호 - IRFP460NPBF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFP460NPBF VISHAY-IRFP460NPBF Datasheet
162Kb / 8P
   Power MOSFET
S-Pending-Rev. B, 23-Jul-08
More results

유사한 설명 - IRFP460NPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com