전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFPC60LC-P 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRFPC60LC-P
상세설명  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFPC60LC-P 데이터시트(HTML) 1 Page - International Rectifier

  IRFPC60LC-P Datasheet HTML 1Page - International Rectifier IRFPC60LC-P Datasheet HTML 2Page - International Rectifier IRFPC60LC-P Datasheet HTML 3Page - International Rectifier IRFPC60LC-P Datasheet HTML 4Page - International Rectifier IRFPC60LC-P Datasheet HTML 5Page - International Rectifier IRFPC60LC-P Datasheet HTML 6Page - International Rectifier IRFPC60LC-P Datasheet HTML 7Page - International Rectifier IRFPC60LC-P Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFPC60LC-P
HEXFET® Power MOSFET
PD - 99438
S
D
G
VDSS = 600V
RDS(on) = 0.40Ω
ID = 16A
l Ultra Low Gate Charge
l Reduced Gate Drive Requirement
l Enhanced 30V Vgs Rating
l Reduced Ciss, Coss, Crss
l Isolated Central Mounting Hole
l Dynamic dv/dt Rated
l Repetitive Avalanche Rated
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
16
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
10
A
IDM
Pulsed Drain Current

64
PD @TC = 25°C
Power Dissipation
280
W
Linear Derating Factor
2.2
W/°C
VGS
Gate-to-Source Voltage
±30
V
EAS
Single Pulse Avalanche Energy
‚
1000
mJ
IAR
Avalanche Current

16
A
EAR
Repetitive Avalanche Energy

28
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
3.0
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
°C
Max Reflow Temperature
225
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case
––––
––––
0.45
RθCS
Case-to-Sink, Flat, Greased Surface
––––
0.24
––––
°C/W
RθJA
Junction-to-Ambient
––––
––––
40
Thermal Resistance
Description
This new series of Surface Mountable Low Charge HEXFET Power MOSFETs
achieve significantly lower gate charge over conventional MOSFETs. Utilizing
advanced Hexfet technology the device improvements allow for reduced gate
drive requirements, faster switching speeds and increased total system savings.
These device improvements combined with the proven ruggedness and reliability
of HEXFETs offer the designer a new standard in power transistors for switching
applications.
www.irf.com
1
04/25/02
Surface Mountable
TO-247


유사한 부품 번호 - IRFPC60LC-P

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFPC60LC IRF-IRFPC60LC Datasheet
343Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)
logo
Vishay Siliconix
IRFPC60LC VISHAY-IRFPC60LC Datasheet
640Kb / 8P
   Power MOSFET
Rev. A, 16-Jun-08
logo
Inchange Semiconductor ...
IRFPC60LC ISC-IRFPC60LC Datasheet
444Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFPC60LC VISHAY-IRFPC60LC Datasheet
689Kb / 11P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFPC60LCPBF IRF-IRFPC60LCPBF Datasheet
1Mb / 9P
   HEXFET짰 Power MOSFET
More results

유사한 설명 - IRFPC60LC-P

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com