전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XC9510 데이터시트(PDF) 15 Page - Torex Semiconductor

부품명 XC9510
상세설명  Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOREX [Torex Semiconductor]
홈페이지  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9510 데이터시트(HTML) 15 Page - Torex Semiconductor

Back Button XC9510_1 Datasheet HTML 11Page - Torex Semiconductor XC9510_1 Datasheet HTML 12Page - Torex Semiconductor XC9510_1 Datasheet HTML 13Page - Torex Semiconductor XC9510_1 Datasheet HTML 14Page - Torex Semiconductor XC9510_1 Datasheet HTML 15Page - Torex Semiconductor XC9510_1 Datasheet HTML 16Page - Torex Semiconductor XC9510_1 Datasheet HTML 17Page - Torex Semiconductor XC9510_1 Datasheet HTML 18Page - Torex Semiconductor XC9510_1 Datasheet HTML 19Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
1365
XC9510
Series
Application Information (Continued)
7. With the DC/DC converter of the IC, the peak current of the coil is controlled by the current limit circuit. Since the
peak current increases when dropout voltage or load current is high, current limit starts operating, and this can lead
to instability. When peak current becomes high, please adjust the coil inductance value and fully check the circuit
operation. In addition, please calculate the peak current according to the following formula:
Peak current: Ipk = (VIN - DCOUT) x OnDuty / (2 x L x Fosc) + IDOUT
8. When the peak current, which exceeds limit current flows within the specified time, the built-in driver transistor is
turned off (the integral latch circuit). During the time until it detects limit current and before the built-in transistor
can be turned off, the current for limit current flows; therefore, care must be taken when selecting the rating for the
coil or the Schottky diode.
9. When VIN is low, limit current may not be reached because of voltage falls caused by ON resistance or serial
resistance of the coil.
10. In the integral latch circuit, latch time may become longer and latch operation may not work when VIN is 3.0V or
more.
11. Use of the IC at voltages below the recommended voltage range may lead to instability.
12. This IC and the external components should be used within the stated absolute maximum ratings in order to prevent
damage to the device.
13.
Since the DC/DC converter and the regulator of the XC9510 series are connected in series, the sum of the output
current (IDOUT) of the DC/DC and the output current (IROUT) of the VR makes the current flows inside the DC/DC
converter. Please be careful of the power dissipation when in use. Please calculate power dissipation by using the
following formula.
Pd=PdDC/DC + PdVR
DC/DC power dissipation (when in synchronous operation) : PdDC/DC = IDOUT
2 x RON
VR power dissipation: PdVR=(DCOUT – VROUT) x IROUT
RON: ON resistance of the built-in driver transistor to the DC/DC (= 0.5Ω<TYP.>)
RON=Rpon x P-chOnDuty / 100
+ Rnon x (1 – P-chOnDuty / 100)
14. The voltage detector circuit built-in the XC9510 series internally monitor the VDD pin voltage, the DC/DC output pin
voltage and VR output pin voltage. For the XC9510B/C/E/F/K/L series, which voltage detector circuit monitors the
DC/DC output pin voltage and the VR output pin voltage, please determine the detect voltage value (VDF) by the
following equation.
VDF≦(Setting voltage on both the DCOUT voltage and the VROUT voltage)×85%*
* An assumed value of tolerance among the DCOUT voltage, the VROUT voltage, and the VD release voltage
(The VD detect voltage and hysteresis range).
NOTES ON USE (Continued)


유사한 부품 번호 - XC9510_1

제조업체부품명데이터시트상세설명
logo
Torex Semiconductor
XC9510A1333 TOREX-XC9510A1333 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9510A1334 TOREX-XC9510A1334 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9510A1363 TOREX-XC9510A1363 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9510A1364 TOREX-XC9510A1364 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9510A13C3 TOREX-XC9510A13C3 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
More results

유사한 설명 - XC9510_1

제조업체부품명데이터시트상세설명
logo
Torex Semiconductor
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9511 TOREX-XC9511_1 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9511 TOREX-XC9511 Datasheet
171Kb / 13P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9508 TOREX-XC9508_1 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
XC9509 TOREX-XC9509_1 Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9510 TOREX-XC9510 Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC9509 TOREX-XC9509 Datasheet
97Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
XCM524 TOREX-XCM524 Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com