전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XC6108 데이터시트(PDF) 1 Page - Torex Semiconductor

부품명 XC6108
상세설명  Voltage Detector with Separated Sense Pin & Delay Type Capacitor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOREX [Torex Semiconductor]
홈페이지  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6108 데이터시트(HTML) 1 Page - Torex Semiconductor

  XC6108_1 Datasheet HTML 1Page - Torex Semiconductor XC6108_1 Datasheet HTML 2Page - Torex Semiconductor XC6108_1 Datasheet HTML 3Page - Torex Semiconductor XC6108_1 Datasheet HTML 4Page - Torex Semiconductor XC6108_1 Datasheet HTML 5Page - Torex Semiconductor XC6108_1 Datasheet HTML 6Page - Torex Semiconductor XC6108_1 Datasheet HTML 7Page - Torex Semiconductor XC6108_1 Datasheet HTML 8Page - Torex Semiconductor XC6108_1 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1/22
XC6108Series
Voltage Detector with Separated Sense Pin & Delay Type Capacitor
■GENERAL DESCRIPTION
The XC6108 series is highly precise, low power consumption voltage detector, manufactured using CMOS and laser trimming
technologies.
Since the sense pin is separated from power supply, it allows the IC to monitor added power supply.
Using the IC with the sense pin separated from power supply enables output to maintain the state of detection even when
voltage of the monitored power supply drops to 0V.
Moreover, with the built-in delay circuit, connecting the delay capacitance pin to the capacitor enables the IC to provide an
arbitrary release delay time.
Both CMOS and N-channel open drain output configurations are available.
■APPLICATIONS
●Microprocessor reset circuitry
●Charge voltage monitors
●Memory battery back-up switch circuits
●Power failure detection circuits
■FEATURES
Highly Accurate
: +2% (Setting Detect Voltage≧1.5V)
: +30mV (Setting Detect Voltage<1.5V)
Ultra Low Power Consumption
: 0.8
A (TYP.) (V
IN= 2.0V)
Detect Voltage Range
: 0.8V ~ 5.0V in 100mV increments
Operating Voltage Range : 1.0V ~ 6.0V
Detect Voltage Temperature Characteristics
:
±
100ppm/ ℃(TYP.)
Output Configuration
: CMOS or N-channel open drain
Operating Temperature Range
: -40 ℃ ~ +85 ℃
Separated Sense Pin
Built-In Delay Circuit, Delay Capacitance Pin Available
Ultra Small Package
: USP-4
SOT-25
TYPICAL APPLICATION CIRCUIT
VIN
VOUT
VSEN
Cd
VSS
R
100k
No resistor needed for
CMOS output product
Cd
VIN
Added
Power
Supply
TYPICAL PERFORMANCE
CHARACTERISTICS
Output Voltage vs. Sense Voltage
XC6108C25AGR
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
0
1
2
3
4
5
6
Sense Voltage: VSEN (V)
Ta=25℃
4.0V
1.0V
VIN=6.0V
ETR0205_007
Sense Voltage : VSEN (V)


유사한 부품 번호 - XC6108_1

제조업체부품명데이터시트상세설명
logo
Torex Semiconductor
XC6108C18AGL TOREX-XC6108C18AGL Datasheet
614Kb / 18P
   Voltage Detector with Separated Sense Pin and Delay Type Capacitor
XC6108C18AGR TOREX-XC6108C18AGR Datasheet
614Kb / 18P
   Voltage Detector with Separated Sense Pin and Delay Type Capacitor
XC6108C18AML TOREX-XC6108C18AML Datasheet
614Kb / 18P
   Voltage Detector with Separated Sense Pin and Delay Type Capacitor
XC6108C18AMR TOREX-XC6108C18AMR Datasheet
614Kb / 18P
   Voltage Detector with Separated Sense Pin and Delay Type Capacitor
XC6108C18CGL TOREX-XC6108C18CGL Datasheet
614Kb / 18P
   Voltage Detector with Separated Sense Pin and Delay Type Capacitor
More results

유사한 설명 - XC6108_1

제조업체부품명데이터시트상세설명
logo
Torex Semiconductor
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118 TOREX-XC6118 Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6108 TOREX-XC6108 Datasheet
614Kb / 18P
   Voltage Detector with Separated Sense Pin and Delay Type Capacitor
XC6135 TOREX-XC6135 Datasheet
574Kb / 27P
   Ultra-Low Power (44nA) Voltage Detector with Separated Sense Pin
XC6109_005 TOREX-XC6109_005 Datasheet
284Kb / 14P
   Voltage Detector with Delay Type Capacitor
logo
STMicroelectronics
STM1831 STMICROELECTRONICS-STM1831 Datasheet
603Kb / 24P
   Voltage detector with sense input and external delay capacitor
logo
Torex Semiconductor
XCM410 TOREX-XCM410 Datasheet
233Kb / 13P
   2 Channel Voltage Detector (Sense Pin separated from VDD)
XCM410 TOREX-XCM410_1 Datasheet
279Kb / 13P
   2 Channel Voltage Detector (Sense Pin separated from VDD)
XC6109 TOREX-XC6109 Datasheet
369Kb / 13P
   Voltage Detector with External Delay Type Capacitor
logo
Seiko Instruments Inc
S-1002NA10I-M5T1U SII-S-1002NA10I-M5T1U Datasheet
3Mb / 39P
   VOLTAGE DETECTOR WITH SENSE PIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com