전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XC6108 데이터시트(PDF) 5 Page - Torex Semiconductor

부품명 XC6108
상세설명  Voltage Detector with Separated Sense Pin & Delay Type Capacitor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOREX [Torex Semiconductor]
홈페이지  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6108 데이터시트(HTML) 5 Page - Torex Semiconductor

  XC6108_1 Datasheet HTML 1Page - Torex Semiconductor XC6108_1 Datasheet HTML 2Page - Torex Semiconductor XC6108_1 Datasheet HTML 3Page - Torex Semiconductor XC6108_1 Datasheet HTML 4Page - Torex Semiconductor XC6108_1 Datasheet HTML 5Page - Torex Semiconductor XC6108_1 Datasheet HTML 6Page - Torex Semiconductor XC6108_1 Datasheet HTML 7Page - Torex Semiconductor XC6108_1 Datasheet HTML 8Page - Torex Semiconductor XC6108_1 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5/22
XC6108
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUITS
Operating Voltage
VIN
VDF(T) = 0.8 ~ 5.0V (*1)
1.0
-
6.0
V
-
Detect Voltage
VDF
VIN = 1.0 ~ 6.0V
E-1
V
1
Hysteresis Range1
VHYS1
VIN = 1.0 ~ 6.0V
E-2
V
1
Detect Voltage
Line Regulation
Δ
VDF
Δ
VIN・VDF
VIN = 1.0 ~ 6.0V
-
±
0.1
-
%/V
1
VIN = 1.0V
-
0.6
1.5
Supply Current 1 (*2)
ISS1
VSEN =
VDF x 0.9
VIN = 6.0V
-
0.7
1.6
A
2
VIN = 1.0V
-
0.8
1.7
Supply Current 2 (*2)
ISS2
VSEN =
VDF x 1.1
VIN = 6.0V
-
0.9
1.8
A
2
VIN = 1.0V
0.08
0.20
-
VSEN =0V
VDS = 0.5V (N-ch)
VIN = 6.0V
1.20
2.00
-
mA
3
VIN = 1.0V
-
-0.30
-0.08
Output Current
(*3)
IOUT
VSEN = 6.0V
VDS= 0.5V (P-ch)
VIN = 6.0V
-
-2.00
-0.70
mA
4
Temperature
Characteristics
Δ
VDF
Δ
Ta・VDF
-40 ℃ ≦ Ta ≦ 85℃
-
±
100
-
ppm/
1
Sense Resistance
(*4)
RSEN
VSEN = 5.0V, VIN = 0V
E-4
M
5
Delay Resistance
(*5)
Rdelay
VSEN = 6.0V, VIN = 5.0V,
Cd = 0V
1.6
2.0
2.4
M
6
Delay capacitance pin
Sink Current
ICD
VDS = 0.5V, VIN = 1.0V
-
200
-
A
6
VSEN = 6.0V, VIN = 1.0V
0.4
0.5
0.6
Delay Capacitance Pin
Threshold Voltage
VTCD
VSEN = 6.0V, VIN = 6.0V
2.9
3.0
3.1
V
7
Unspecified Operating
Voltage (*6)
VUNS
VIN = VSEN = 0V ~ 0.7V
-
0.3
0.4
V
8
Detect Delay Time (*7)
TDF0
VIN = 6.0V, VSEN = 6.0V→0.0V
Cd: Open
30
230
s
9
Release Delay Time
(*8)
TDR0
VIN = 6.0V, VSEN = 0.0V→6.0V
Cd: Open
30
200
s
9
NOTE:
*1: VDF(T): Setting detect voltage
*2: Current flows the sense resistor is not included.
*3: This numerical value is applied only to the XC6108C series (CMOS output).
*4: Calculated from the voltage value and the current value of the VSEN.
*5: Calculated from the voltage value of the VIN and the current value of the Cd.
*6: The maximum voltage of the VOUT in the range of the VIN 0V to 0.7V when the VIN and the VSEN are short-circuited
This numerical value is applied only to the XC6108C series (CMOS output).
*7: Time which ranges from the state of VSEN=VDF to the VOUT reaching 0.6V when the VSEN falls without connecting to the Cd pin.
*8: Time which ranges from the state of VIN= VDF +VHYS to the VOUT reaching 5.4V when the VSEN rises without connecting to the Cd pin.
ELECTRICAL CHARACTERISTICS
XC6108xxxA
Ta=25℃


유사한 부품 번호 - XC6108_1

제조업체부품명데이터시트상세설명
logo
Torex Semiconductor
XC6108C18AGL TOREX-XC6108C18AGL Datasheet
614Kb / 18P
   Voltage Detector with Separated Sense Pin and Delay Type Capacitor
XC6108C18AGR TOREX-XC6108C18AGR Datasheet
614Kb / 18P
   Voltage Detector with Separated Sense Pin and Delay Type Capacitor
XC6108C18AML TOREX-XC6108C18AML Datasheet
614Kb / 18P
   Voltage Detector with Separated Sense Pin and Delay Type Capacitor
XC6108C18AMR TOREX-XC6108C18AMR Datasheet
614Kb / 18P
   Voltage Detector with Separated Sense Pin and Delay Type Capacitor
XC6108C18CGL TOREX-XC6108C18CGL Datasheet
614Kb / 18P
   Voltage Detector with Separated Sense Pin and Delay Type Capacitor
More results

유사한 설명 - XC6108_1

제조업체부품명데이터시트상세설명
logo
Torex Semiconductor
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118 TOREX-XC6118 Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6108 TOREX-XC6108 Datasheet
614Kb / 18P
   Voltage Detector with Separated Sense Pin and Delay Type Capacitor
XC6135 TOREX-XC6135 Datasheet
574Kb / 27P
   Ultra-Low Power (44nA) Voltage Detector with Separated Sense Pin
XC6109_005 TOREX-XC6109_005 Datasheet
284Kb / 14P
   Voltage Detector with Delay Type Capacitor
logo
STMicroelectronics
STM1831 STMICROELECTRONICS-STM1831 Datasheet
603Kb / 24P
   Voltage detector with sense input and external delay capacitor
logo
Torex Semiconductor
XCM410 TOREX-XCM410 Datasheet
233Kb / 13P
   2 Channel Voltage Detector (Sense Pin separated from VDD)
XCM410 TOREX-XCM410_1 Datasheet
279Kb / 13P
   2 Channel Voltage Detector (Sense Pin separated from VDD)
XC6109 TOREX-XC6109 Datasheet
369Kb / 13P
   Voltage Detector with External Delay Type Capacitor
logo
Seiko Instruments Inc
S-1002NA10I-M5T1U SII-S-1002NA10I-M5T1U Datasheet
3Mb / 39P
   VOLTAGE DETECTOR WITH SENSE PIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com