전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XC6109 데이터시트(PDF) 2 Page - Torex Semiconductor

부품명 XC6109
상세설명  Voltage Detector with External Delay Type Capacitor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOREX [Torex Semiconductor]
홈페이지  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6109 데이터시트(HTML) 2 Page - Torex Semiconductor

  XC6109 Datasheet HTML 1Page - Torex Semiconductor XC6109 Datasheet HTML 2Page - Torex Semiconductor XC6109 Datasheet HTML 3Page - Torex Semiconductor XC6109 Datasheet HTML 4Page - Torex Semiconductor XC6109 Datasheet HTML 5Page - Torex Semiconductor XC6109 Datasheet HTML 6Page - Torex Semiconductor XC6109 Datasheet HTML 7Page - Torex Semiconductor XC6109 Datasheet HTML 8Page - Torex Semiconductor XC6109 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2/13
XC6109 Series
PIN NUMBER
PIN NAME
FUNCTION
1
VIN
Input
2
VSS
Ground
3
Cd
Delay Capacitance
4
VOUT
Output (Detect ”L”)
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
C
: CMOS output
Output Configuration
N
: N-ch open drain output
② ③
Detect Voltage
08 ~ 50
: e.g. 18→1.8V
Output Delay & Hysteresis
A
: Built-in delay pin & hysteresis 5% (TYP.)
Package
N
: SSOT-24
R
: Embossed tape, standard feed
Device Orientation
L
: Embossed tape, reverse feed
PIN CONFIGURATION
PIN ASSIGNMENT
PRODUCT CLASSIFICATION
XC6109 ①②③④⑤⑥
Ordering Information


유사한 부품 번호 - XC6109

제조업체부품명데이터시트상세설명
logo
Torex Semiconductor
XC6109 TOREX-XC6109 Datasheet
284Kb / 14P
   Voltage Detector with Delay Type Capacitor
XC6109C08ANL TOREX-XC6109C08ANL Datasheet
284Kb / 14P
   Voltage Detector with Delay Type Capacitor
XC6109C08ANR TOREX-XC6109C08ANR Datasheet
284Kb / 14P
   Voltage Detector with Delay Type Capacitor
XC6109C09ANL TOREX-XC6109C09ANL Datasheet
284Kb / 14P
   Voltage Detector with Delay Type Capacitor
XC6109C09ANR TOREX-XC6109C09ANR Datasheet
284Kb / 14P
   Voltage Detector with Delay Type Capacitor
More results

유사한 설명 - XC6109

제조업체부품명데이터시트상세설명
logo
Torex Semiconductor
XC6109_005 TOREX-XC6109_005 Datasheet
284Kb / 14P
   Voltage Detector with Delay Type Capacitor
logo
STMicroelectronics
STM1831 STMICROELECTRONICS-STM1831 Datasheet
603Kb / 24P
   Voltage detector with sense input and external delay capacitor
logo
Torex Semiconductor
XC6108 TOREX-XC6108_1 Datasheet
628Kb / 22P
   Voltage Detector with Separated Sense Pin & Delay Type Capacitor
XC6108 TOREX-XC6108 Datasheet
614Kb / 18P
   Voltage Detector with Separated Sense Pin and Delay Type Capacitor
logo
Texas Instruments
BQ771600 TI1-BQ771600_15 Datasheet
884Kb / 23P
[Old version datasheet]   External Delay Capacitor
logo
ABLIC Inc.
S-1009 ABLIC-S-1009 Datasheet
619Kb / 43P
   0.27uA CURRENT CONSUMPTION VOLTAGE DETECTOR WITH DELAY FUNCTION (EXTERNAL DELAY TIME SETTING
Rev.5.1_03
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
   Voltage detector with delay
logo
Seiko Instruments Inc
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1004 ABLIC-S-1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_02
logo
Torex Semiconductor
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com