전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD5614P 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FDD5614P
상세설명  60V P-Channel PowerTrench짰 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5614P 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FDD5614P Datasheet HTML 1Page - Fairchild Semiconductor FDD5614P Datasheet HTML 2Page - Fairchild Semiconductor FDD5614P Datasheet HTML 3Page - Fairchild Semiconductor FDD5614P Datasheet HTML 4Page - Fairchild Semiconductor FDD5614P Datasheet HTML 5Page - Fairchild Semiconductor FDD5614P Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FDD5614P Rev C1(W)
Typical Characteristics
0
3
6
9
12
15
01
2345
-VDS, DRAIN-SOURCE VOLTAGE (V)
-3.0V
-2.5V
-4.0V
-4.5V
VGS = -10V
-3.5V
-6.0V
0.8
1
1.2
1.4
1.6
1.8
02468
10
-ID, DRAIN CURRENT (A)
VGS = -3.5V
-4.5V
-5.0V
-4.0V
-10V
-6.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
175
TJ, JUNCTION TEMPERATURE (
oC)
ID = -4.5A
VGS = -10V
0
0.1
0.2
0.3
0.4
246
8
10
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -2.3 A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
3
6
9
12
15
123
45
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
125
oC
VDS = -5V
25
oC
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VGS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


유사한 부품 번호 - FDD5614P

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD5614P FAIRCHILD-FDD5614P Datasheet
81Kb / 6P
   60V P-Channel PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
FDD5614P VBSEMI-FDD5614P Datasheet
990Kb / 8P
   P-Channel 60-V (D-S) MOSFET
logo
Inchange Semiconductor ...
FDD5614P ISC-FDD5614P Datasheet
310Kb / 2P
   isc P-Channel MOSFET Transistor
More results

유사한 설명 - FDD5614P

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD5670 FAIRCHILD-FDD5670_11 Datasheet
144Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
FDD5690 FAIRCHILD-FDD5690_02 Datasheet
167Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
FDC5612 FAIRCHILD-FDC5612_04 Datasheet
79Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDS9958-F085 ONSEMI-FDS9958-F085 Datasheet
447Kb / 6P
   Dual P-Channel PowerTrench짰 MOSFET -60V, -2.9A, 105m廓
September-2017, Rev.2
logo
Fairchild Semiconductor
FDME910PZT FAIRCHILD-FDME910PZT Datasheet
271Kb / 7P
   P-Channel PowerTrench짰 MOSFET
FDS6675BZ FAIRCHILD-FDS6675BZ_08 Datasheet
457Kb / 6P
   P-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD4685-F085 ONSEMI-FDD4685-F085 Datasheet
740Kb / 7P
   P-Channel PowerTrench짰 MOSFET
September-2017,Rev.2
logo
Fairchild Semiconductor
FDC610PZ FAIRCHILD-FDC610PZ Datasheet
450Kb / 6P
   P-Channel PowerTrench짰 MOSFET
FDMA86265P FAIRCHILD-FDMA86265P Datasheet
204Kb / 7P
   P-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD6637-F085 ONSEMI-FDD6637-F085 Datasheet
455Kb / 8P
   P-Channel PowerTrench짰 MOSFET
September-2017, Rev. 3
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com