전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N2880 데이터시트(PDF) 1 Page - Microsemi Corporation

부품명 2N2880
상세설명  NPN POWER SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2880 데이터시트(HTML) 1 Page - Microsemi Corporation

  2N2880_1 Datasheet HTML 1Page - Microsemi Corporation 2N2880_1 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
NPN POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/315
Devices
Qualified Level
2N2880
2N3749
JAN
JANTX
JANTXV
MAXIMUM RATINGS
Ratings
Symbol
Value
Units
Collector-Emitter Voltage
VCEO
80
Vdc
Collector-Base Voltage
VCBO
110
Vdc
Emitter-Base Voltage
VEBO
8.0
Vdc
Base Current
IB
0.5
Adc
Collector Current
IC
5.0
Adc
Total Power Dissipation
@ TA = 25
0C (1)
@ TC = 100
0C (2)
PT
2.0
30
W
Operating & Storage Junction Temperature Range
Top, Tstg
-65 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
R
θJC
3.33
0C/W
1) Derate linearly 11.4 mW/
0C for T
A > 25
0C
2) Derate linearly 300 mW/
0C for T
C > 100
0C
TO-59*
*See Appendix A for
Package Outline
ELECTRICAL CHARACTERISTICS (TC = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 100 mAdc
V(BR)CEO
80
Vdc
Collector-Emitter Breakdown Voltage
IC = 10 µAdc
V(BR)CBO
110
Vdc
Emitter-Base Breakdown to Voltage
IE = 10 µAdc
V(BR)EBO
8.0
Vdc
Collector-Emitter Cutoff Current
VCE = 60 Vdc
ICEO
20
µAdc
Collector-Base Cutoff Current
VCB = 80 Vdc
ICBO
0.2
µAdc
Collector-Emitter Cutoff Current
VCE = 110 Vdc, VBE = -0.5
ICEX
1.0
µAdc
Emitter-Base Cutoff Current
VEB = 6.0 Vdc
IEBO
0.2
µAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978)620-2600 / Fax: (978) 689-0803
111604
Page 1 of 2


유사한 부품 번호 - 2N2880_1

제조업체부품명데이터시트상세설명
logo
Seme LAB
2N2880-220M SEME-LAB-2N2880-220M Datasheet
19Kb / 2P
   NPN POWER SILICON TRANSISTOR
More results

유사한 설명 - 2N2880_1

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com