전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS6670A 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FDS6670A
상세설명  Single N-Channel, Logic Level, PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6670A 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FDS6670A_03 Datasheet HTML 1Page - Fairchild Semiconductor FDS6670A_03 Datasheet HTML 2Page - Fairchild Semiconductor FDS6670A_03 Datasheet HTML 3Page - Fairchild Semiconductor FDS6670A_03 Datasheet HTML 4Page - Fairchild Semiconductor FDS6670A_03 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
June 2003
©2003 Fairchild Semiconductor Corporation
FDS6670A Rev F (W)
FDS6670A
Single N-Channel, Logic Level, PowerTrench
® MOSFET
General Description
This N-Channel Logic Level MOSFET is produced
using
Fairchild
Semiconductor’s
advanced
PowerTrench process that has been especially tailored
to minimize the on-state resistance and yet maintain
superior switching performance.
These devices are well suited for low voltage and
battery powered applications where low in-line power
loss and fast switching are required.
Features
• 13 A, 30 V.
RDS(ON) = 8 m
Ω @ V
GS = 10 V
RDS(ON) = 10 m
Ω @ V
GS = 4.5 V
• Fast switching speed
• Low gate charge
• High performance trench technology for extremely
low RDS(ON)
• High power and current handling capability
S
D
S
S
SO-8
D
D
D
G
D
D
D
D
S
S
S
G
Pin 1
SO-8
4
3
2
1
5
6
7
8
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
±20
V
ID
Drain Current
– Continuous
(Note 1a)
13
A
– Pulsed
50
Power Dissipation for Single Operation
(Note 1a)
2.5
PD
(Note 1b)
1.0
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
50
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1b)
125
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
25
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDS6670A
FDS6670A
13’’
12mm
2500 units


유사한 부품 번호 - FDS6670A_03

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS6670AS FAIRCHILD-FDS6670AS Datasheet
114Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDS6670AS FAIRCHILD-FDS6670AS Datasheet
748Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
logo
Richtek Technology Corp...
FDS6670AS RICHTEK-FDS6670AS Datasheet
330Kb / 18P
   6A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
logo
VBsemi Electronics Co.,...
FDS6670AS-NL VBSEMI-FDS6670AS-NL Datasheet
1,008Kb / 9P
   N-Channel 20V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS6670AS FAIRCHILD-FDS6670AS_08 Datasheet
748Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
More results

유사한 설명 - FDS6670A_03

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS6680A FAIRCHILD-FDS6680A Datasheet
102Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
SI4822DY FAIRCHILD-SI4822DY Datasheet
94Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDC655BN FAIRCHILD-FDC655BN Datasheet
528Kb / 6P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDR4420A FAIRCHILD-FDR4420A_07 Datasheet
67Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
SI4410DY FAIRCHILD-SI4410DY Datasheet
239Kb / 3P
   Single N-Channel Logic Level PowerTrench MOSFET
FDM6296 FAIRCHILD-FDM6296 Datasheet
471Kb / 6P
   Single N-Channel, Logic-Level, PowerTrench MOSFET
FDS4410A FAIRCHILD-FDS4410A Datasheet
112Kb / 5P
   Single N-Channel, Logic-Level, PowerTrench MOSFET
SI4412DY FAIRCHILD-SI4412DY Datasheet
267Kb / 3P
   Single N-Channel Logic Level PowerTrench MOSFET
FDS6612A FAIRCHILD-FDS6612A_03 Datasheet
164Kb / 7P
   Single N-Channel, Logic-Level, PowerTrench MOSFET
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com