전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS6912_0007 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FDS6912_0007
상세설명  Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6912_0007 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FDS6912_0007 Datasheet HTML 1Page - Fairchild Semiconductor FDS6912_0007 Datasheet HTML 2Page - Fairchild Semiconductor FDS6912_0007 Datasheet HTML 3Page - Fairchild Semiconductor FDS6912_0007 Datasheet HTML 4Page - Fairchild Semiconductor FDS6912_0007 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FDS6912 Rev E (W)
Typical Characteristics (continued)
0
2
4
6
8
10
04
8
12
16
Qg, GATE CHARGE (nC)
ID = 6.3A
VDS = 5V
10V
15V
0.3
1
3
10
30
V
, DRAIN TO SOURCE VOLTAGE (V)
80
200
2000
DS
Ciss
f = 1 MHz
V
= 0V
GS
Coss
C rss
0.1
500
1000
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.1
0.2
0.5
1
2
5
10
20
0.01
0.05
0.5
2
10
20
100
V
, DRAIN-SOURCE VOLTAGE (V)
DS
1s
100
ms
10s
10m
s
RD
S(O
N) LI
MIT
1m
s
100u
s
DC
V
= 10V
SINGLE PULSE
R
= 135 °C/W
T
= 25°C
GS
A
θJA
SINGLE PULSE TIME (SEC)
SINGLE PULSE
R
= 135°C/W
T = 25°
θJA
A
30
25
20
15
10
5
0
0.01
0.1
1
10
100
1000
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t /t
1
2
R
(t) = r(t) * R
R
= 135°C/W
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient thermal response will change depending on the circuit board design.


유사한 부품 번호 - FDS6912_0007

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS6912A FAIRCHILD-FDS6912A Datasheet
222Kb / 4P
   Dual N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6912A FAIRCHILD-FDS6912A Datasheet
121Kb / 5P
   Dual N-Channel Logic Level PowerTrench MOSFET
logo
Guangdong Youtai Semico...
FDS6912A UMW-FDS6912A Datasheet
387Kb / 6P
   30V Dual N-Channel MOSFET
logo
Fairchild Semiconductor
FDS6912A FAIRCHILD-FDS6912A_03 Datasheet
121Kb / 5P
   Dual N-Channel Logic Level PowerTrench MOSFET
More results

유사한 설명 - FDS6912_0007

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS6812A FAIRCHILD-FDS6812A Datasheet
79Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6898AZ FAIRCHILD-FDS6898AZ_10 Datasheet
332Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6894A FAIRCHILD-FDS6894A Datasheet
82Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6892AZ FAIRCHILD-FDS6892AZ Datasheet
78Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6898AZ_F085 FAIRCHILD-FDS6898AZ_F085 Datasheet
332Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6892A FAIRCHILD-FDS6892A Datasheet
80Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6898A FAIRCHILD-FDS6898A Datasheet
81Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6894AZ FAIRCHILD-FDS6894AZ Datasheet
77Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6898AZ FAIRCHILD-FDS6898AZ Datasheet
77Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6912 FAIRCHILD-FDS6912 Datasheet
219Kb / 8P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com