전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FIN12AC 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FIN12AC
상세설명  uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN12AC 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FIN12AC Datasheet HTML 1Page - Fairchild Semiconductor FIN12AC Datasheet HTML 2Page - Fairchild Semiconductor FIN12AC Datasheet HTML 3Page - Fairchild Semiconductor FIN12AC Datasheet HTML 4Page - Fairchild Semiconductor FIN12AC Datasheet HTML 5Page - Fairchild Semiconductor FIN12AC Datasheet HTML 6Page - Fairchild Semiconductor FIN12AC Datasheet HTML 7Page - Fairchild Semiconductor FIN12AC Datasheet HTML 8Page - Fairchild Semiconductor FIN12AC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
tm
December 2006
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN12AC Rev. 1.1.0
FIN12AC
µSerDes™ Low-Voltage 12-Bit Bi-Directional
Serializer/Deserializer with Multiple Frequency Ranges
Features
Low power consumption
Fairchild proprietary low-power CTL interface
LVCMOS parallel I/O interface:
– 2mA source / sink current
– Over-voltage tolerant control signals
Parallel I/O power supply (VDDP) range between
1.65V and 3.6V
Analog power supply range of 2.5V to 3.05V
Multi-mode operation allows for a single device to
operate as Serializer or Deserializer
Internal PLL with no external components
Standby power-down mode support
Small footprint packaging:
– 32-terminal MLP and 42-ball BGA
Built-in differential termination
Supports external CKREF frequencies; 5MHz to 40MHz
Serialized data rate up to 560Mb/s
Voltage translation from 1.65V to 3.6V
Applications
Microcontroller or pixel interfaces
Image sensors
Small displays: LCD, cell phone, digital camera,
portable gaming, printer, PDA, video camera,
automotive
Description
The FIN12AC is a 12-bit serializer capable of running a
parallel frequency range between 5MHz and 40MHz.
The frequency range is selected by the S1 and S2 con-
trol signals. The bi-directional data flow is controlled
through use of a direction (DIRI) control pin. The devices
can be configured to operate in a unidirectional mode
only by hardwiring the DIRI pin. An internal Phase-
Locked Loop (PLL) generates the required bit clock fre-
quency for transfer across the serial link. Options exist
for dual or single PLL operation, dependent upon system
operational parameters. The device has been designed
for low power operation and utilizes Fairchild proprietary
low-power control Current Transistor Logic (CTL) inter-
face. The device also supports an ultra low power power-
down mode for conserving power in battery-operated
applications.
Ordering Information
µSerDesTM is a trademark of Fairchild Semiconductor Corporation.
Part Number
Package
Pb-Free
Operating
Temperature
Range
Packing
Method
FIN12ACGFX
42-Ball Ultra Small Scale Ball Grid Array (USS-BGA),
JEDEC MO-195, 3.5mm Wide
Yes
-30°C to +70°C
Tape and Reel
FIN12ACMLX
32-Terminal Molded Leadless Package (MLP),
Quad, JEDEC MO-220, 5mm Square
Yes
-30°C to +70°C
Tape and Reel


유사한 부품 번호 - FIN12AC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12AC FAIRCHILD-FIN12AC Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12ACGFX FAIRCHILD-FIN12ACGFX Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12ACGFX FAIRCHILD-FIN12ACGFX Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12ACMLX FAIRCHILD-FIN12ACMLX Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
More results

유사한 설명 - FIN12AC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN212AC FAIRCHILD-FIN212AC_08 Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN212AC FAIRCHILD-FIN212AC Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C_06 Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com