전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMS6145 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FMS6145
상세설명  Low-Cost Five-Channel 4th-Order Standard Defi nition Video Filter Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6145 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FMS6145_06 Datasheet HTML 2Page - Fairchild Semiconductor FMS6145_06 Datasheet HTML 3Page - Fairchild Semiconductor FMS6145_06 Datasheet HTML 4Page - Fairchild Semiconductor FMS6145_06 Datasheet HTML 5Page - Fairchild Semiconductor FMS6145_06 Datasheet HTML 6Page - Fairchild Semiconductor FMS6145_06 Datasheet HTML 7Page - Fairchild Semiconductor FMS6145_06 Datasheet HTML 8Page - Fairchild Semiconductor FMS6145_06 Datasheet HTML 9Page - Fairchild Semiconductor FMS6145_06 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6145 Rev. 2.0.4
6
Typical Application Diagrams
The following circuit may be used for direct DC-coupled drive by DACs with an output voltage range of 0V to 1.4V.
AC-coupled or DC-coupled outputs may be used with AC-coupled outputs, offering slightly lower power dissipation.
Figure 6. Typical Application Diagram
75Ω
220μF
220μF
220μF
+5V
FMS6145
14L TSSOP
IN1
OUT1
IN2
IN3
OUT3
VCC
IN4
OUT4
14
13
12
11
10
9
8
1
2
3
4
5
6
7
IN5
NC
OUT2
GND
OUT5
NC
0.1
μF
1.0
μF
75Ω
75Ω
75Ω
75Ω
75Ω
220μF
75Ω
75Ω
75Ω Video Cables
220μF
75Ω
75Ω
75Ω Video Cables
Video
SoC
ROUT
BOUT
YOUT
GOUT
COUT
DAC load resistors
per SoC specifications.
AC coupling caps
are optional.
DVD Player or STB
R
G
B
Y
C


유사한 부품 번호 - FMS6145_06

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FMS6145 FAIRCHILD-FMS6145_08 Datasheet
710Kb / 10P
   Low-Cost Five-Channel 4th-Order Standard Defi nition Video Filter Driver
More results

유사한 설명 - FMS6145_06

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FMS6145 ONSEMI-FMS6145 Datasheet
885Kb / 13P
   Low-Cost Five-Channel 4th-Order Standard Defi nition Video Filter Driver
August 2009 Rev. 2.0.6
logo
Fairchild Semiconductor
FMS6145 FAIRCHILD-FMS6145_08 Datasheet
710Kb / 10P
   Low-Cost Five-Channel 4th-Order Standard Defi nition Video Filter Driver
logo
ON Semiconductor
FMS6146 ONSEMI-FMS6146 Datasheet
890Kb / 13P
   Low-Cost Six-Channel 4th-Order Standard Defi nition Video Filter Driver
October 2009 Rev. 1.1.0
logo
Fairchild Semiconductor
FMS6143 FAIRCHILD-FMS6143_08 Datasheet
648Kb / 11P
   Low-Cost Three-Channel 4th-Order Standard Defi nition Video Filter Driver
FMS6143 FAIRCHILD-FMS6143_07 Datasheet
495Kb / 11P
   Low-Cost Three-Channel 4th-Order Standard Defi nition Video Filter Driver
FMS6146 FAIRCHILD-FMS6146_07 Datasheet
584Kb / 10P
   Low-Cost Six-Channel 4th-Order Standard Defi nition Video Filter Driver
FMS6146 FAIRCHILD-FMS6146_08 Datasheet
715Kb / 10P
   Low-Cost Six-Channel 4th-Order Standard Defi nition Video Filter Driver
logo
ON Semiconductor
FMS6143 ONSEMI-FMS6143 Datasheet
837Kb / 11P
   Low-Cost Three-Channel 4th-Order Standard Def nition Video Filter Driver
October-2017, Rev. 5
logo
Fairchild Semiconductor
FMS6145 FAIRCHILD-FMS6145 Datasheet
63Kb / 1P
   Low Cost Five Channel 4th Order Standard Definition Video Filter Driver
FMS6143 FAIRCHILD-FMS6143 Datasheet
47Kb / 1P
   Low Cost Three Channel 4th Order Standard Definition Video Filter Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com