전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL6116CB 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 ISL6116CB
상세설명  Power Distribution Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6116CB 데이터시트(HTML) 7 Page - Intersil Corporation

Back Button ISL6116CB Datasheet HTML 3Page - Intersil Corporation ISL6116CB Datasheet HTML 4Page - Intersil Corporation ISL6116CB Datasheet HTML 5Page - Intersil Corporation ISL6116CB Datasheet HTML 6Page - Intersil Corporation ISL6116CB Datasheet HTML 7Page - Intersil Corporation ISL6116CB Datasheet HTML 8Page - Intersil Corporation ISL6116CB Datasheet HTML 9Page - Intersil Corporation ISL6116CB Datasheet HTML 10Page - Intersil Corporation ISL6116CB Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
February 6, 2007
Example
A typical -48V supply may vary from -36 to -72V. Therefore,
VBUS,MAX = -72V
VBUS,MIN = -36V
ICHIP = 15mA (max)
Sizing RCL:
RCL = (VBUS,MIN - 12)/IC
RCL = (36 - 12)/0.015
RCL = 1.6kΩ [Typical Value = 1.58kΩ]
Power Rating of RCL:
PRCL = IC(VBUS,MAX - 12)
PRCL = (0.015)(72 - 12)
PRCL = 0.9W [Typical Value = 1W]
DD1 Current Rating:
IDD1 = (VBUS,MAX - 12)/RCL
IDD1 = (72 - 12)/1.58kΩ
IDD1 = 38mA [Typical Value = 12V rating, 50mA reverse
current]
Typical Performance Curves
FIGURE 3. VDD BIAS CURRENT
FIGURE 4. ISET SOURCE CURRENT
FIGURE 5. CTIM CURRENT SOURCE
FIGURE 6. CTIM OC VOLTAGE THRESHOLD
4.5
4.0
3.5
3.0
2.5
2.0
020
30
50
80
100
TEMPERATURE (°C)
5.0
10
40
60
70
90
20.2
TEMPERATURE (°C)
0
20
30
50
80
100
10
40
60
70
90
20.0
19.0
19.2
19.4
19.6
19.8
20.50
20.32
20.00
19.66
TEMPERATURE (°C)
0
20
30
50
80
100
10
40
60
70
90
19.50
20.16
19.82
CTIM - 0V
1.89
1.88
1.87
1.86
1.85
1.83
TEMPERATURE (°C)
0
20
30
50
80
100
10
40
60
70
90
1.84
ISL6115, ISL6116, ISL6117, ISL6120


유사한 부품 번호 - ISL6116CB

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL6116CBZA INTERSIL-ISL6116CBZA Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6116CBZA INTERSIL-ISL6116CBZA Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6116CBZA INTERSIL-ISL6116CBZA Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
ISL6116CBZA RENESAS-ISL6116CBZA Datasheet
716Kb / 14P
   Power Distribution Controllers
More results

유사한 설명 - ISL6116CB

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
   Power Distribution Controllers
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
   Power Distribution Controllers
logo
Intersil Corporation
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
HIP1015 RENESAS-HIP1015 Datasheet
586Kb / 9P
   Power Distribution Controllers
March 2003
logo
Intersil Corporation
ISL6115 INTERSIL-ISL6115 Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6115A INTERSIL-ISL6115A Datasheet
220Kb / 10P
   12V Power Distribution Controllers
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com