전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQA7N80_F109 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FQA7N80_F109
상세설명  800V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA7N80_F109 데이터시트(HTML) 7 Page - Fairchild Semiconductor

  FQA7N80_F109 Datasheet HTML 1Page - Fairchild Semiconductor FQA7N80_F109 Datasheet HTML 2Page - Fairchild Semiconductor FQA7N80_F109 Datasheet HTML 3Page - Fairchild Semiconductor FQA7N80_F109 Datasheet HTML 4Page - Fairchild Semiconductor FQA7N80_F109 Datasheet HTML 5Page - Fairchild Semiconductor FQA7N80_F109 Datasheet HTML 6Page - Fairchild Semiconductor FQA7N80_F109 Datasheet HTML 7Page - Fairchild Semiconductor FQA7N80_F109 Datasheet HTML 8Page - Fairchild Semiconductor FQA7N80_F109 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
FQA7N80 Rev. A1
Mechanical Dimensions
15.60
±0.20
4.80
±0.20
13.60
±0.20
9.60
±0.20
2.00
±0.20
3.00
±0.20
1.00
±0.20
1.40
±0.20
ø3.20
±0.10
1.50
+0.15
–0.05
0.60
+0.15
–0.05
5.45TYP
[5.45
±0.30]
5.45TYP
[5.45
±0.30]
TO-3P
Dimensions in Millimeters


유사한 부품 번호 - FQA7N80_F109

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQA7N80C FAIRCHILD-FQA7N80C Datasheet
610Kb / 8P
   800V N-Channel MOSFET
FQA7N80C FAIRCHILD-FQA7N80C Datasheet
791Kb / 9P
   800V N-Channel MOSFET
FQA7N80C FAIRCHILD-FQA7N80C Datasheet
798Kb / 8P
   800V N-Channel MOSFET
FQA7N80C FAIRCHILD-FQA7N80C_06 Datasheet
791Kb / 9P
   800V N-Channel MOSFET
FQA7N80C FAIRCHILD-FQA7N80C_07 Datasheet
798Kb / 8P
   800V N-Channel MOSFET
More results

유사한 설명 - FQA7N80_F109

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQB3N80 FAIRCHILD-FQB3N80 Datasheet
661Kb / 9P
   800V N-Channel MOSFET
FQP2N80 FAIRCHILD-FQP2N80 Datasheet
649Kb / 8P
   800V N-Channel MOSFET
FQPF4N80 FAIRCHILD-FQPF4N80 Datasheet
639Kb / 8P
   800V N-Channel MOSFET
FQPF6N80 FAIRCHILD-FQPF6N80 Datasheet
665Kb / 8P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_06 Datasheet
801Kb / 9P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
731Kb / 8P
   800V N-Channel MOSFET
FQA6N80 FAIRCHILD-FQA6N80 Datasheet
677Kb / 8P
   800V N-Channel MOSFET
FQP8N80C FAIRCHILD-FQP8N80C_09 Datasheet
1Mb / 12P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_07 Datasheet
803Kb / 8P
   800V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFH10N80 SEMIHOW-HFH10N80 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
HFS3N80 SEMIHOW-HFS3N80 Datasheet
1Mb / 8P
   800V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com