전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQA90N15 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FQA90N15
상세설명  N-Channel Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA90N15 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FQA90N15 Datasheet HTML 1Page - Fairchild Semiconductor FQA90N15 Datasheet HTML 2Page - Fairchild Semiconductor FQA90N15 Datasheet HTML 3Page - Fairchild Semiconductor FQA90N15 Datasheet HTML 4Page - Fairchild Semiconductor FQA90N15 Datasheet HTML 5Page - Fairchild Semiconductor FQA90N15 Datasheet HTML 6Page - Fairchild Semiconductor FQA90N15 Datasheet HTML 7Page - Fairchild Semiconductor FQA90N15 Datasheet HTML 8Page - Fairchild Semiconductor FQA90N15 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FQH90N15 / FQA90N15 Rev. C
October 2006
QFET ®
FQH90N15 / FQA90N15
N-Channel Power MOSFET
Features
• 90A, 150V, RDS(on) = 0.018Ω @VGS = 10 V
• Low gate charge (typical 220 nC)
•Low Crss (typical 200 pF)
•Fast switching
• 100% avalanche tested
• Improved dv/dt capability
•175
°C maximum junction temperature rating
Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary, planar
stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the avalanche
and commutation mode. These devices are well suited for low
voltage applications such as audio amplifire, high efficiency
switching for DC/DC converters, and DC motor control,
uninterrupted power supply.
S
D
G
G
S
D
TO-247
FQH Series
GS
D
TO-3P
FQA Series
Absolute Maximum Ratings
Symbol
Parameter
FQH90N15/FQA90N15
Unit
VDSS
Drain-Source Voltage
150
V
ID
Drain Current
- Continuous (TC = 25°C)
- Continuous (TC = 100°C)
90
63.5
A
A
IDM
Drain Current
- Pulsed
(Note 1)
360
A
VGSS
Gate-Source voltage
±25
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
1400
mJ
IAR
Avalanche Current
(Note 1)
90
A
EAR
Repetitive Avalanche Energy
(Note 1)
37.5
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
6.0
V/ns
PD
Power Dissipation
(TC = 25°C)
- Derate above 25
°C
375
2.5
W
W/
°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +175
°C
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
°C
Thermal Characteristics
Symbol
Parameter
Min.
Max.
Unit
RθJC
Thermal Resistance, Junction-to-Case
--
0.4
°C/W
RθCS
Thermal Resistance, Case-to-Sink
0.24
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
40
°C/W


유사한 부품 번호 - FQA90N15

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
   N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
678Kb / 9P
   N-Channel Power MOSFET
logo
ON Semiconductor
FQA90N15-F109 ONSEMI-FQA90N15-F109 Datasheet
1Mb / 8P
   N-Channel QFET® MOSFET 150 V, 90 A, 18 mΩ
September-2017, Rev. 2
More results

유사한 설명 - FQA90N15

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com